Electronic Components Datasheet Search
  English  ▼

X  

AD7176-2 Datasheet(PDF) 49 Page - Analog Devices

Part # AD7176-2
Description  The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7176-2 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7176-2 Datasheet HTML 45Page - Analog Devices AD7176-2 Datasheet HTML 46Page - Analog Devices AD7176-2 Datasheet HTML 47Page - Analog Devices AD7176-2 Datasheet HTML 48Page - Analog Devices AD7176-2 Datasheet HTML 49Page - Analog Devices AD7176-2 Datasheet HTML 50Page - Analog Devices AD7176-2 Datasheet HTML 51Page - Analog Devices AD7176-2 Datasheet HTML 52Page - Analog Devices AD7176-2 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Data Sheet
AD7176-2
Rev. 0 | Page 49 of 68
INTERFACE MODE REGISTER
Address: 0x02, Reset: 0x0000, Name: IFMODE
The Interface Mode Register configures various serial interface options.
Table 25. Bit Descriptions for IFMODE
Bits
Bit Name
Settings
Description
Reset
Access
[15:13]
RESERVED
These bits are reserved and should be set to 0.
0x0
R
12
ALT_SYNC
This bit enables a different behavior of the ERROR\SYNC pin to allow the
use of ERROR\SYNC as a control for conversions when cycling channels
(see the description of the SYNC_EN bit in the GPIO Configuration Register
for details).
0x0
RW
0
Disabled
1
Enabled
11
IOSTRENGTH
This bit controls the drive strength of the DOUT pin. This bit should be set
when reading from the serial interface at high speed with low IOVDD
supply and moderate capacitance.
0x0
RW
0
Disabled (default)
1
Enabled
[10:9]
RESERVED
These bits are reserved and should be set to 0.
0x0
R
8
DOUT_RESET
This bit prevents the DOUT/RDY pin from switching from outputting
DOUT to outputting RDY soon after the last rising edge of SCLK during a
read operation. Instead, the DOUT/RDY pin will continue to output the
LSB of the data until CS goes high. This allows for longer hold times for the
SPI master to sample the LSB of the data. When this bit is set, CS must not
be tied low.
0x0
RW
0
Disabled
1
Enabled
7
CONTREAD
This enables continuous read of the ADC data register. The ADC should be
configured in continuous conversion mode to use continuous read. For
more details, see the Operating Modes section.
0x0
RW
0
Disabled
1
Enabled
6
DATA_STAT
This enables the Status Register to be appended to the Data Register
when read so that channel and status information are transmitted with
the data. This is the only way to be sure that the channel bits read from
the Status Register correspond to the data in the Data Register.
0x0
RW
0
Disabled
1
Enabled
5
REG_CHECK
This bit enables a register integrity checker, which can be used to monitor
any change in the value of the user registers. To use this feature, all other
registers should be configured as desired, with this bit cleared. Then write
to this register to set the REG_CHECK bit to 1. If the contents of any of the
registers change, the REG_ERROR bit is set in the Status Register. To clear
the error, the REG_CHECK bit should be set to 0. Neither the Interface
Mode Register nor the ADC Data or Status Register is included in the
registers that are checked. If a register needs to have a new value written,
this bit should first be cleared; otherwise, an error will be flagged falsely
when the new register contents are written.
0x0
RW
0
Disabled
1
Enabled
4
RESERVED
This bit is reserved and should be set to 0.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com