Electronic Components Datasheet Search
  English  ▼

X  

AD7176-2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7176-2
Description  The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7176-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7176-2 Datasheet HTML 9Page - Analog Devices AD7176-2 Datasheet HTML 10Page - Analog Devices AD7176-2 Datasheet HTML 11Page - Analog Devices AD7176-2 Datasheet HTML 12Page - Analog Devices AD7176-2 Datasheet HTML 13Page - Analog Devices AD7176-2 Datasheet HTML 14Page - Analog Devices AD7176-2 Datasheet HTML 15Page - Analog Devices AD7176-2 Datasheet HTML 16Page - Analog Devices AD7176-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Data Sheet
AD7176-2
Rev. 0 | Page 13 of 68
Figure 17. 1 kHz Input Tone, −0.5 dBFS Input FFT (AVDD1 = 5 V, AVDD2 = 5 V,
IOVDD = 3.3 V, VREF = 2.5 V, Output Data Rate = 250 kSPS)
Figure 18. 1 kHz Input Tone, −6 dBFS Input FFT (AVDD1 = 5 V, AVDD2 = 5 V,
IOVDD = 3.3 V, VREF = 2.5 V, Output Data Rate = 250 kSPS)
Figure 19. Internal Reference Settling Time (Extended)
(AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V)
Figure 20. Common-Mode Rejection Ratio (10 Hz to 70 Hz)
(AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V, 20 SPS Enhanced Filter)
Figure 21. Internal Reference Settling Time
(AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V)
Figure 22. Common-Mode Rejection Ratio vs. Frequency
(AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V, Output Data Rate = 250 kSPS)
0
–160
0
100k
120k
20k
40k
60k
80k
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
–160
0
100k
120k
20k
40k
60k
80k
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0.10
0.05
0
–0.05
–0.10
0
10
20
30
40
50
TIME (Seconds)
0
–160
10
70
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
20
30
40
50
60
1.0
0.5
0
–0.5
–1.0
0.00001
0.1
0.01
0.001
0.0001
TIME (Seconds)
FROM STANDBY – REFERENCE OFF
FROM POWER-DOWN
0
–20
–40
–60
–80
–100
–120
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com