Electronic Components Datasheet Search
  English  ▼

X  

AD7176-2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7176-2
Description  The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7176-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7176-2 Datasheet HTML 17Page - Analog Devices AD7176-2 Datasheet HTML 18Page - Analog Devices AD7176-2 Datasheet HTML 19Page - Analog Devices AD7176-2 Datasheet HTML 20Page - Analog Devices AD7176-2 Datasheet HTML 21Page - Analog Devices AD7176-2 Datasheet HTML 22Page - Analog Devices AD7176-2 Datasheet HTML 23Page - Analog Devices AD7176-2 Datasheet HTML 24Page - Analog Devices AD7176-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Data Sheet
AD7176-2
Rev. 0 | Page 21 of 68
ADC Setups
The AD7176-2 has four independent setups (see Block B in
Figure 28). Each setup consists of the following four registers:
•
Setup configuration register
•
Filter configuration register
•
Offset register
•
Gain register
For example, Setup 0 consists of Setup Configuration 0, Filter
Configuration 0, Offset 0, and Gain 0. The setup is selectable
from the channel map registers detailed in the Channel Map
Configuration section. This allows each channel to be assigned
to a separate setup; therefore, each channel is fully configurable
because each setup has its own filter, offset, and gain register.
Table 11 through Table 14 show the four registers that are
associated with Setup 0.
Setup Configuration Register
The setup configuration registers allow the user to select the output
coding of the ADC by selecting between bipolar and unipolar. In
bipolar mode, the ADC accepts negative differential input voltages,
and the output coding is offset binary. In unipolar mode, the ADC
accepts only positive differential voltages, and the coding is straight
binary. In either case, the input voltage must be within the supply
voltages. The user can also select the reference source using this
register. There are three options available—an internal 2.5 V
reference, an external reference connected between REF+ and
REF− pins, or AVDD1 – AVSS.
Filter Configuration Register
The filter configuration register is used to select which digital
filter is used at the output of the ADC modulator. The order of
the filter and the output data rate is selected by setting the bits
in this register. For more information, see the Digital Filters section.
Offset Register
The offset register holds the offset calibration coefficient for the
ADC. The power-on reset value of the offset register is 0x800000.
The offset register is a 24-bit read/write register. The power-on
reset value is automatically overwritten if an internal or system
zero-scale calibration is initiated by the user or if the offset register
is written to by the user.
Gain Register
The gain register is a 24-bit register that holds the gain
calibration coefficient for the ADC. The gain registers are
read/write registers. These registers are configured at power-on
with factory calibrated coefficients. Therefore, every device has
different default coefficients. The default value is automatically
overwritten if a system full-scale calibration is initiated by the
user or if the gain register is written to by the user. For more
information on calibration, see the Operating Modes section.
Table 11. Setup Configuration 0 Register
Reg Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x20 SETUPCON0 [15:8]
RESERVED
BI_UNIPOLAR0
RESERVED
0x1020 RW
[7:0]
RESERVED
REF_SEL0
RESERVED
Table 12. Filter Configuration 0 Register
Reg Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x28 FILTCON0
[15:8] SINC3_MAP0
RESERVED
ENHFILTEN0
ENHFILT0
0x0000 RW
[7:0] RESERVED
ORDER0
ODR0
Table 13. Offset 0 Register
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x30 OFFSET0
[23:16]
OFFSET0[23:16]
0x800000 RW
[15:8]
OFFSET0[15:8]
[7:0]
OFFSET0[7:0]
Table 14. Gain 0 Register
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x38 GAIN0
[23:16]
GAIN0[23:16]
0x5XXXX0 RW
[15:8]
GAIN0[15:8]
[7:0]
GAIN0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com