Electronic Components Datasheet Search
  English  ▼

X  

AD1896 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1896
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1896 Datasheet HTML 3Page - Analog Devices AD1896 Datasheet HTML 4Page - Analog Devices AD1896 Datasheet HTML 5Page - Analog Devices AD1896 Datasheet HTML 6Page - Analog Devices AD1896 Datasheet HTML 7Page - Analog Devices AD1896 Datasheet HTML 8Page - Analog Devices AD1896 Datasheet HTML 9Page - Analog Devices AD1896 Datasheet HTML 10Page - Analog Devices AD1896 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. A
AD1896
–7–
PIN CONFIGURATION
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD1896
TOP VIEW
(NOT TO SCALE
)
MUTE_IN
RESET
SMODE_IN_2
SMODE_IN_1
SMODE_IN_0
BYPASS
DGND
GRPDLYS
MCLK_IN
MCLK_OUT
SDATA_I
VDD_IO
LRCLK_I
SCLK_I
MUTE_OUT
WLNGTH_OUT_1
WLNGTH_OUT_0
SMODE_OUT_1
SMODE_OUT_0
TDM_IN
DGND
MMODE_2
MMODE_1
MMODE_0
SCLK_O
VDD_CORE
SDATA_O
LRCLK_O
PIN FUNCTION DESCRIPTIONS
Pin No.
IN/OUT
Mnemonic
Description
1IN
GRPDLYS
Group Delay High = Short, Low = Long
2IN
MCLK_IN
Master Clock or Crystal Input
3
OUT
MCLK_OUT
Master Clock Output or Crystal Output
4IN
SDATA_I
Input Serial Data (at Input Sample Rate)
5
IN/OUT
SCLK_I
Master/Slave Input Serial Bit Clock
6
IN/OUT
LRCLK_I
Master/Slave Input Left/Right Clock
7IN
VDD_IO
3.3 V/5 V Input/Output Digital Supply Pin
8IN
DGND
Digital Ground Pin
9IN
BYPASS
ASRC Bypass Mode, Active High
10
IN
SMODE_IN_0
Input Port Serial Interface Mode Select Pin 0
11
IN
SMODE_IN_1
Input Port Serial Interface Mode Select Pin 1
12
IN
SMODE_IN_2
Input Port Serial Interface Mode Select Pin 2
13
IN
RESET
Reset Pin, Active Low
14
IN
MUTE_IN
Mute Input Pin—Active High Normally Connected to MUTE_OUT
15
OUT
MUTE_OUT
Output Mute Control, Active High
16
IN
WLNGTH_OUT_1
Hardware Selectable Output Wordlength—Select Pin 1
17
IN
WLNGTH_OUT_0
Hardware Selectable Output Wordlength—Select Pin 0
18
IN
SMODE_OUT_1
Output Port Serial Interface Mode Select Pin 1
19
IN
SMODE_OUT_0
Output Port Serial Interface Mode Select Pin 0
20
IN
TDM_IN
Serial Data Input
* (Only for Daisy-Chain Mode). Ground when not used.
21
IN
DGND
Digital Ground Pin
22
IN
VDD_CORE
3.3 V Digital Supply Pin
23
OUT
SDATA_O
Output Serial Data (at Output Sample Rate)
24
IN/OUT
LRCLK_O
Master/Slave Output Left/Right Clock
25
IN/OUT
SCLK_O
Master/Slave Output Serial Bit Clock
26
IN
MMODE_0
Master/Slave Clock Ratio Mode Select Pin 0
27
IN
MMODE_1
Master/Slave Clock Ratio Mode Select Pin 1
28
IN
MMODE_2
Master/Slave Clock Ratio Mode Select Pin 2
*Also used to input matched-phase mode data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com