Electronic Components Datasheet Search
  English  ▼

X  

AD1896 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1896
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 2 Page - Analog Devices

  AD1896 Datasheet HTML 1Page - Analog Devices AD1896 Datasheet HTML 2Page - Analog Devices AD1896 Datasheet HTML 3Page - Analog Devices AD1896 Datasheet HTML 4Page - Analog Devices AD1896 Datasheet HTML 5Page - Analog Devices AD1896 Datasheet HTML 6Page - Analog Devices AD1896 Datasheet HTML 7Page - Analog Devices AD1896 Datasheet HTML 8Page - Analog Devices AD1896 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. A
–2–
AD1896–SPECIFICATIONS
TEST CONDITIONS, UNLESS OTHERWISE NOTED.
Supply Voltages
VDD_CORE
3.3 V
VDD_IO
5.0 V or 3.3 V
Ambient Temperature
25
°C
Input Clock
30.0 MHz
Input Signal
1.000 kHz, 0 dBFS
Measurement Bandwidth
20 to fS_OUT/2 Hz
Word Width
24 Bits
Load Capacitance
50 pF
Input Voltage High
2.4 V
Input Voltage Low
0.8 V
Specifications subject to change without notice.
DIGITAL PERFORMANCE (VDD_CORE = 3.3 V
5%, VDD_IO = 5.0 V
10%)
Parameter
Min
Typ
Max
Unit
Resolution
24
Bits
Sample Rate @ MCLK_I = 30 MHz
6
215
kHz
Sample Rate (@ Other Master Clocks)
1
MCLK_I/5000
≤ f
S < MCLK_I/138
kHz
Sample Rate Ratios
Upsampling
1:8
Downsampling (Short GRPDLYS)
7.75:1
Downsampling (Long GRPDLYS)
7.0:1
Dynamic Range
2
(20 Hz to fS_OUT/2, 1 kHz, –60 dBFS Input) A-Weighted
Worst-Case (192 kHz:48 kHz)
132
dB
44.1 kHz:48 kHz
142
dB
48 kHz:44.1 kHz
141
dB
48 kHz:96 kHz
142
dB
44.1 kHz:192 kHz
141.5
dB
96 kHz:48 kHz
140
dB
192 kHz:32 kHz
140
dB
(20 Hz to fS_OUT/2, 1 kHz, –60 dBFS Input) No Filter
Worst-Case (192 kHz:48 kHz)
132
dB
44.1 kHz:48 kHz
139
dB
48 kHz:44.1 kHz
139
dB
48 kHz:96 kHz
139
dB
44.1 kHz:192 kHz
137
dB
96 kHz:48 kHz
137
dB
192 kHz:32 kHz
138
dB
Total Harmonic Distortion + Noise
2
(20 Hz to fS_OUT/2, 1 kHz, 0 dBFS Input) No Filter
Worst-Case (32 kHz:48 kHz)
3
–117
dB
44.1 kHz:48 kHz
–123
dB
48 kHz:44.1 kHz
–124
dB
48 kHz:96 kHz
–120
dB
44.1 kHz:192 kHz
–123
dB
96 kHz:48 kHz
–132
dB
192 kHz:32 kHz
–133
dB
Interchannel Gain Mismatch
0.0
dB
Interchannel Phase Deviation
0.0
Degrees
Mute Attenuation (24 Bits Word Width) (A-Weighted)
–144
dB
NOTES
1Lower sampling rates than given by this formula are possible, but the jitter rejection will decrease.
2Refer to the Typical Performance Characteristics section for DNR and THD + N numbers over wide range of input and output sample rates.
3For any other sample rate ratio, the minimum THD + N will be better than –117 dB. Please refer to detailed performance plots.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com