Electronic Components Datasheet Search
  English  ▼

X  

AD1896 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1896
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1896 Datasheet HTML 6Page - Analog Devices AD1896 Datasheet HTML 7Page - Analog Devices AD1896 Datasheet HTML 8Page - Analog Devices AD1896 Datasheet HTML 9Page - Analog Devices AD1896 Datasheet HTML 10Page - Analog Devices AD1896 Datasheet HTML 11Page - Analog Devices AD1896 Datasheet HTML 12Page - Analog Devices AD1896 Datasheet HTML 13Page - Analog Devices AD1896 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. A
AD1896
–10–
–200
–50
–190
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
2.5
22.5
7.5
12.5
17.5
FREQUENCY – kHz
5.0
10.0
15.0
20.0
TPC 13. Wideband FFT Plot (16k Points) 96 kHz:48 kHz,
–60 dBFS 1 kHz Tone
–200
–50
–190
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
2.5
22.5
7.5
12.5
17.5
FREQUENCY – kHz
5.0
10.0
15.0
20.0
TPC 14. Wideband FFT Plot (16k Points) 192 kHz:48 kHz,
–60 dBFS 1 kHz Tone
–180
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY – kHz
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
22.5
TPC 15. IMD, 10 kHz and 11 kHz 0 dBFS Tone
44:1 kHz:48 kHz
–180
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY – kHz
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
22.5
TPC 16. IMD, 10 kHz and 11 kHz 0 dBFS Tone
96 kHz:48 kHz
–180
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY – kHz
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
TPC 17. IMD, 10 kHz and 11 kHz 0 dBFS Tone
48 kHz:44.1 kHz
FREQUENCY – kHz
–200
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
22.5
TPC 18. Wideband FFT Plot (16k Points) 44.1 kHz:48 kHz,
0 dBFS 20 kHz Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com