Electronic Components Datasheet Search
  English  ▼

X  

AD1896 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1896
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1896 Datasheet HTML 18Page - Analog Devices AD1896 Datasheet HTML 19Page - Analog Devices AD1896 Datasheet HTML 20Page - Analog Devices AD1896 Datasheet HTML 21Page - Analog Devices AD1896 Datasheet HTML 22Page - Analog Devices AD1896 Datasheet HTML 23Page - Analog Devices AD1896 Datasheet HTML 24Page - Analog Devices AD1896 Datasheet HTML 25Page - Analog Devices AD1896 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
REV. A
AD1896
–22–
AD1896
MCLK_I
MCLK_O
C1
C2
R
Figure 9a. Fundamental-Mode Circuit Configuration
AD1896
MCLK_I
MCLK_O
C1
C2
R
1nF
L1
Figure 9b. Third-Overtone Circuit Configuration
There are, of course, maximum and minimum operating fre-
quencies for the AD1896 master clock. The maximum master
clock frequency at which the AD1896 is guaranteed to operate is
30 MHz. A frequency of 30 MHz is more than sufficient to
sample rate convert sampling frequencies of 192 kHz + 12%.
The minimum required frequency for the master clock generation
for the AD1896 depends upon the input and output sample
rates. The master clock has to be at least 138 times greater than
the maximum input or output sample rate.
Serial Data Ports—Data Format
The serial data input port mode is set by the logic levels on the
SMODE_IN_0/SMODE_IN_1/SMODE_IN_2 pins. The serial
data input port modes available are left justified, I
2S, and right
justified (RJ), 16, 18, 20, or 24 bits as defined in Table I.
Table I. Serial Data Input Port Mode
SMODE_IN_[0:2]
Interface Format
21
0
00
0
Left Justified
00
1
I
2S
01
0Undefined
01
1Undefined
10
0Right Justified, 16 Bits
10
1Right Justified, 18 Bits
11
0Right Justified, 20 Bits
11
1Right Justified, 24 Bits
The serial data output port mode is set by the logic levels on the
SMODE_OUT_0/SMODE_OUT_1 and WLNGTH_OUT_0/
WLNGTH_OUT_1 pins. The serial mode can be changed to
left justified, I
2S, right justified, or TDM as defined in the fol-
lowing table. The output word width can be set by using the
WLNGTH_OUT_0/WLNGTH_OUT_1 pins as shown in
Table III. When the output word width is less than 24 bits, dither
is added to the truncated bits. The right justified serial data out
mode assumes 64 SCLK_O cycles per frame, divided evenly for
left and right. Please note that 8 bits of each 32-bit subframe are
used for transmitting matched-phase mode data. Please refer to
Figure 14. The AD1896 also supports 16-bit, 32-clock packed
input and output serial data in LJ and I
2S format.
Table II. Serial Data Output Port Mode
SMODE_OUT_[0:1]
Interface Format
10
00
Left Justified (LJ)
01
I
2S
10
TDM Mode
11
Right Justified (RJ)
Table III. Word Width
WLNGTH_OUT_[0:1]
Word Width
10
00
24 Bits
01
20 Bits
10
18 Bits
11
16 Bits
The following timing diagrams show the serial mode formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com