Electronic Components Datasheet Search
  English  ▼

X  

AD1955 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1955
Description  High Performance Multibit DAC with SACD Playback
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955 Datasheet(HTML) 2 Page - Analog Devices

  AD1955 Datasheet HTML 1Page - Analog Devices AD1955 Datasheet HTML 2Page - Analog Devices AD1955 Datasheet HTML 3Page - Analog Devices AD1955 Datasheet HTML 4Page - Analog Devices AD1955 Datasheet HTML 5Page - Analog Devices AD1955 Datasheet HTML 6Page - Analog Devices AD1955 Datasheet HTML 7Page - Analog Devices AD1955 Datasheet HTML 8Page - Analog Devices AD1955 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AD1955
-2-
Rev. PrF
PRELIMINARY TECHNICAL DATA
TEST CONDITIONS UNLESS OTHERWISE NOTED
Analog Supply Voltages (AVDD)
+5.0V
Digital Supply Voltages (DVDD)
+5.0V
Reference Current (Iref)
.960 mA
Ambient Temperature
25OC
Input Clock
12.288 MHz
Input Signal
996.11 Hz
0 dB Full Scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20KHz
Word Width
24 Bits
Load Capacitance
100 pF
Load Impedance
47 k ohms
Input Voltage HI
2.4 V
Input Voltage LO
.8 V
ANALOG PERFORMANCE (See Figures ) Iref = .960 mA
Min
Typ
Max
Units
Resolution
24
Bits
Signal-to-noise Ratio (20 Hz to 20kHz)
Differential Output (A-weighted, RMS) (Stereo)
120
dB
Differential Output (A-weighted, RMS) (Mono)
123
dB
Single-ended (Stereo)
119
dB
Dynamic Range (20 Hz to 20 kHz, -60 dB Input)
Differential Output (A-weighted, RMS) (Stereo)
120
dB
Differential Output (A-weighted, RMS) (Mono)
123
dB
Single-ended (Stereo)
119
dB
Total Harmonic Distortion + Noise (Stereo) at 0 dBFS
-108
dB
Analog Outputs
Differential Output range (Full Scale)
8.64
mA p-p
Output Capacitance at Each Output Pin
100
pF
Output bias current, Each Output
-3.24
mA
Out-of-Band Energy (0.5XFs to 100 kHz)
-90
dB
Reference Voltage
2.39
V
DC Accuracy
Gain Error
+/-3
%
Interchannel Gain Mismatch
0.01
dB
Gain Drift
25
ppm/OC
Interchannel Crosstalk (EIAJ method)
-125
dB
Interchannel Phase Deviation
+/- 0.1
Degrees
Mute Attenuation
-100
dB
De-emphasis Gain Error
+/- 0.1
dB
NOTES:
Performance of right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
DIGITAL I/O (-40oC to 105oC)
Min
Typ
Max
Units
Input Voltage HI (VIH)
2.0
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH@VIH=2.4 V)
10
uA
Input Leakage (IIL@VIL=0.8 V)
10
uA
High Level Output Voltage (VOH) IOH = 1 mA
2.4
V
Low Level Output Voltage (VOL) IOL = 1 mA
0.4
V
Input Capacitance
20
pF
Specifications subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com