Electronic Components Datasheet Search
  English  ▼

X  

AD1955 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1955
Description  High Performance Multibit DAC with SACD Playback
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955 Datasheet(HTML) 4 Page - Analog Devices

  AD1955 Datasheet HTML 1Page - Analog Devices AD1955 Datasheet HTML 2Page - Analog Devices AD1955 Datasheet HTML 3Page - Analog Devices AD1955 Datasheet HTML 4Page - Analog Devices AD1955 Datasheet HTML 5Page - Analog Devices AD1955 Datasheet HTML 6Page - Analog Devices AD1955 Datasheet HTML 7Page - Analog Devices AD1955 Datasheet HTML 8Page - Analog Devices AD1955 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD1955
-4-
Rev. PrF
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS*
PACKAGE CHARACTERISTICS
Min
Max
Units
Min
Typ
Max
Units
DVDD to DGND
-0.3
6
V
OJA (Thermal Resistance
[Junction-to-Ambient])
109.0
OC/W
AVDD to AGND
-0.3
6
V
OJC (Thermal Resistance
[Junction-to-Case])
39.0
OC/W
Digital Inputs
DGND - 0.3
DVDD + 0.3
V
Analog Outputs
AGND - 0.3
AVDD + 0.3
V
AGND to DGND
-0.3
0.3
V
Reference Voltage
(AVDD + 0.3)/2
Soldering
+300
OC
10
sec
* Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature
Package
Description
Package Option*
AD1955YRS
AD1955YRSRL
-40 OC to +105 OC
-40 OC to +105 OC
28-Lead SSOP
28-Lead SSOP
RS-28
RS-28 on 13”
Reels
*RS = Shrink Small Outline
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
DVDD
EF_WCLK/LRCLK
EF_BCLK/BCLK
EF_LDATA/SDATA
EF_RDATA
DSD_SCLK
DSD_RDATA
DSD_PHASE
PD/RST
AGND
IOUTR+
IOUTR-
FILTR
IREF
AVDD
FILTB
IOUTL-
IOUTL+
AGND
ZEROR
ZEROL
MUTE
CDATA
CLATCH
CCLK
MCLK
DGND
DSD_LDATA
CAUTION
ESD (Electrostatic discharge) sensitive device. Electrostatic charges as high as 400 V readily
accumulate on the human body and Test equipment and can discharge without detection.
Although the AD1959 features proprietary ESD protection circuitry, permanent Damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com