Electronic Components Datasheet Search
  English  ▼

X  

AD2S105 Datasheet(PDF) 7 Page - Analog Devices

Part # AD2S105
Description  Three-Phase Current Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S105 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD2S105 Datasheet HTML 3Page - Analog Devices AD2S105 Datasheet HTML 4Page - Analog Devices AD2S105 Datasheet HTML 5Page - Analog Devices AD2S105 Datasheet HTML 6Page - Analog Devices AD2S105 Datasheet HTML 7Page - Analog Devices AD2S105 Datasheet HTML 8Page - Analog Devices AD2S105 Datasheet HTML 9Page - Analog Devices AD2S105 Datasheet HTML 10Page - Analog Devices AD2S105 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD2S105
REV. 0
–7–
Output Analog Signals
There are two sets of analog output from the AD2S105.
Sin/Cos orthogonal output signals are derived from the Clark/
three-to-two-phase conversion before the Park angle rotation.
These signals are available on Pin 25 (Cos ) and Pin 26 (Sin
), and occur before Park angle rotation.
Two-Phase (Sin ( +
), Cos ( + )) Signals
These represent the output of the coordinate transformation.
These signals are available on Pin 6 (PH/OP4, Sin ( +
)) and
Pin 7 (PH/OP1, Cos ( +
)).
HOMOPOLAR OUTPUT
HOMOPOLAR Reference
In a three-phase ac system, the sum of the three inputs to the
converter can be used to indicate whether or not the phases are
balanced.
If VSUM = PH/IP1 + PH/IP2 + PH/IP3 (or PH/IPH1 + PH/
IPH2 + PH/IPH3) this can be rewritten as VSUM = [Cos , +
Cos ( + 120
°) + Cos ( + 240°)] = 0. Any imbalances in the
line will cause the sum VSUM
≠ 0. The AD2S105 homopolar
output (HPOP) goes high when VSUM > 3
× Vts. The voltage
level at which the HPOP indicates an imbalance is determined
by the HPREF threshold, Vts. This is set internally at
±0.5 V dc
(
±0.1 V dc). The HPOP goes high when
V ts <
(Cos
θ+ Cos(θ+ 120° ) + Cos(θ+ 240° ))
3
×V
where V is the nominal input voltage.
With no external components VSUM must exceed
±1.5 V dc in
order for HPOP to indicate an imbalance. The sensitivity of the
threshold can be reduced by connecting an external resistor be-
tween HPOP and ground in Figure 5 where
V ts =
0.5 REXT
REXT + 20,000
REXT is in Ω.
20k
Ω
25
µA
HOMOPOLAR
REFERENCE
EXTERNAL
RESISTOR
TO TRIGGER
Figure 5. The Equivalent Homopolar Reference Input
Circuitry
Example: From the equivalent circuit, it can be seen that the in-
clusion of a 20 k
Ω resistor will reduce V
ts to
±0.25 V dc. This
corresponds to an imbalance of
±0.75 V dc in the inputs.
Homopolar Filtering
The equation VSUM = Cos + Cos ( + 120°) + Cos ( + 240°)
= 0 denotes an imbalance when VSUM
≠ 0. There are conditions,
however, when an actual imbalance will occur and the condi-
tions as defined by VSUM will be valid. For example, if the first
phase was open circuit when
= 90
° or 270°, the first phase is
valid at 0 V dc. VSUM is valid, therefore, when Cos is close to 0.
In order to detect an imbalance
has to move away from 90
° or
270
°, i.e., when on a balanced line Cos ≠ 0.
Line imbalance is detected as a function of HPREF, either set
by the user or internally set at
±0.5 V dc. This corresponds to a
dead zone when
= 90
° or 270° ± 30°, i.e., V
SUM = 0, and,
therefore, no indicated imbalance. If an external 20 k
Ω resistor
is added, this halves Vts and reduces the zone to
±15°. Note this
example only applies if the first phase is detached.
In order to prevent this false triggering an external capacitor
needs to be placed from HPFILT to ground, as shown in Figure
5. This averages out the perceived imbalance over a complete
cycle and will prevent the HPOP from alternatively indicating
balance and imbalance over
= 0
° to 360°.
For
d
θ
dt
= 1000 rpm C
EXT = 220 nF
d
θ
dt
= 100 rpm C
EXT = 2. 2 µF
Note: The slower the input rotational speed, the larger the time
constant required over which to average the HPOP output. Use
of the homopolar output at slow rotational speeds becomes im-
practical with respect to the increased value for CEXT.
AD2S105
TOP VIEW
1
23
12
34
HPREF
HPOP
HPFILT
220nF
DGND
CEXT
REXT
HPOP
GND
HPREF
Figure 6. AD2S105 Homopolar Output Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com