Electronic Components Datasheet Search
  English  ▼

X  

AD2S105 Datasheet(PDF) 3 Page - Analog Devices

Part # AD2S105
Description  Three-Phase Current Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S105 Datasheet(HTML) 3 Page - Analog Devices

  AD2S105 Datasheet HTML 1Page - Analog Devices AD2S105 Datasheet HTML 2Page - Analog Devices AD2S105 Datasheet HTML 3Page - Analog Devices AD2S105 Datasheet HTML 4Page - Analog Devices AD2S105 Datasheet HTML 5Page - Analog Devices AD2S105 Datasheet HTML 6Page - Analog Devices AD2S105 Datasheet HTML 7Page - Analog Devices AD2S105 Datasheet HTML 8Page - Analog Devices AD2S105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Parameter
Min
Typ
Max
Units
Conditions
HOMOPOLAR OUTPUT
HPOP–OUTPUT
VOH
4V dc
IOH = 0.5 mA
VOL
1V dc
IOL = 0.5 mA
HPREF–REFERENCE
0.5
V dc
Homopolar Output-Internal
ISOURCE = 25 µA and 20 kΩ to AGND
POWER SUPPLY
VDD
4.75
5
5.25
V dc
VSS
–5.25
–5
–4.75
V dc
IDD
4
10
mA
Quiescent Current
ISS
4
10
mA
Quiescent Current
AD2S105
REV. 0
–3–
NOTES
1Angular accuracy includes offset and gain errors, measured with a stationary digital input and maximum analog frequency inputs.
2The angular error does not include the additional error caused by the phase delay as a function of input frequency. For example, if f
INPUT = 600 Hz, the contribution
to the error due to phase delay is: 650 ns
× f
INPUT × 60 × 360 = 8.4 arc minutes.
3Output subject to input voltage and gain.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD2S105 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
RECOMMENDED OPERATING CONDITIONS
Power Supply Voltage (+VDD, –VSS) . . . . . . . . .
±5 V dc ± 5%
Analog Input Voltage (PH/IP1, 2, 3, 4) . . . . . . 2 V rms
± 10%
Analog Input Voltage (PH/IPH1, 2, 3) . . . . . . 3 V rms
± 10%
Ambient Operating Temperature Range
Industrial (AP) . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V dc
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V dc
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V dc
Analog Input Voltage to AGND . . . . . . . . . . . . . . . VSS to VDD
Digital Input Voltage to DGND . . . . –0.3 V to VDD + 0.3 V dc
Digital Output Voltage to DGND . . . . . . –0.3 V to VDD + V dc
Analog Output Voltage to AGND
. . . . . . . . . . . . . . . . . . . . . . VSS – 0.3 V to VDD + 0.3 V dc
Analog Output Load Condition (PH/OP1, 4
Sin
θ, Cosθ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 kΩ
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140 mW
Operating Temperature
Industrial (AP) . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
CAUTION
1. Absolute Maximum Ratings are those values beyond which
damage to the device will occur.
2. Correct polarity voltages must be maintained on the +VDD
and –VSS pins
ORDERING GUIDE
Model
Temperature Range
Accuracy
Option*
AD2S105AP
–40
°C to +85°C
30 arc min
P-44A
*P = Plastic Leaded Chip Carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com