Electronic Components Datasheet Search
  English  ▼

X  

AD2S105 Datasheet(PDF) 8 Page - Analog Devices

Part # AD2S105
Description  Three-Phase Current Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S105 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2S105 Datasheet HTML 4Page - Analog Devices AD2S105 Datasheet HTML 5Page - Analog Devices AD2S105 Datasheet HTML 6Page - Analog Devices AD2S105 Datasheet HTML 7Page - Analog Devices AD2S105 Datasheet HTML 8Page - Analog Devices AD2S105 Datasheet HTML 9Page - Analog Devices AD2S105 Datasheet HTML 10Page - Analog Devices AD2S105 Datasheet HTML 11Page - Analog Devices AD2S105 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD2S105
REV. 0
–8–
TIMING DIAGRAMS
Busy Output
The BUSY output will go HI at the negative edge of the
STROBE input. This is used to synchronize digital input data
and load the digital angular rotation information into the device
counter. The BUSY output will remain HI for 2
µs, and go LO
until the next strobe negative edge occurs.
Strobe Input
The width of the positive STROBE pulse should be at least
100 ns, in order to successfully start the conversion. The maxi-
mum frequency of STROBE input is 366 kHz, i.e., there should
be at least 2.73
µs from the negative edge of one STROBE pulse
to the next rising edge. This is illustrated by the following tim-
ing diagram and table.
t
1
t
2
t
3
t
4
STROBE
BUSY
t
f
t
r
Figure 7. AD2S105 Timing Diagram
Note: Digital data should be stable 25 ns before and after posi-
tive strobe edge.
Table II. AD2S105 Timing Table
Parameter
Min
Typ
Max
Condition
t1
100 ns
STROBE Pulse Width
t2
30 ns
STROBE
↓ to BUSY ↑
t3
1.7
µs
2.5
µs
BUSY Pulse Width
t4
100 ns
BUSY
↓ to STROBE ↑
tr
20 ns
BUSY Pulse Rise Time
with No Load
150 ns
BUSY Pulse Rise Time
with 68 pF Load
tf
10 ns
BUSY Pulse Fall Time
with No Load
120 ns
BUSY Pulse Fall Time
with 68 pF Load
TYPICAL CIRCUIT CONFIGURATION
Figure 8 shows a typical circuit configuration for the AD2S105
in a three phase, nominal level input mode (MODE2).
AD2S105
TOP VIEW
141
38
30
27
23
12
16
LSB
10
µF
100nF
10
µF
100nF
–5V
+5V
GND
MSB
PH/OP1
AGND
PH/IP4
PH/IP3
PH/IP2
PH/IP1
34
Figure 8. Typical Circuit Configuration
APPLICATIONS
Transformation Configuration
The AD2S105 can perform both forward and reverse transfor-
mations. The section “Theory of Operation” explains how the
chip operates with the core operator e
+j , which performs a for-
ward transformation. The reverse transformation, e–j , is per-
formed by providing a negative angle
φ. Figure 9 shows two
different phase input/output connections for AD2S105 reverse
transformation operation.
FORWARD
TRANSFORMATION
AD2S105
REVERSE
TRANSFORMATION
AD2S105
e
+j
φ
2 PHASE – 2 PHASE
Sin
θ
Cos
θ
Cos(
θ + φ)
Sin(
θ + φ)
Cos
θ
Sin
θ
Cos(
θ – φ)
Sin(
θ – φ)
e
–j
φ
–1
e
+j
φ
3 PHASE – 2 PHASE
Cos
θ
Cos(
θ + 120°)
Cos(
θ + 240°)
Cos(
θ + φ)
Sin(
θ + φ)
Cos
θ
Cos(
θ + 120°)
Cos(
θ + 240°)
Cos(
θ – φ)
Sin(
θ – φ)
e
–j
φ
Figure 9. Forward and Reverse Transformation Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com