Electronic Components Datasheet Search
  English  ▼

X  

AD2S105 Datasheet(PDF) 2 Page - Analog Devices

Part # AD2S105
Description  Three-Phase Current Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S105 Datasheet(HTML) 2 Page - Analog Devices

  AD2S105 Datasheet HTML 1Page - Analog Devices AD2S105 Datasheet HTML 2Page - Analog Devices AD2S105 Datasheet HTML 3Page - Analog Devices AD2S105 Datasheet HTML 4Page - Analog Devices AD2S105 Datasheet HTML 5Page - Analog Devices AD2S105 Datasheet HTML 6Page - Analog Devices AD2S105 Datasheet HTML 7Page - Analog Devices AD2S105 Datasheet HTML 8Page - Analog Devices AD2S105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD2S105–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Conditions
SIGNAL INPUTS
PH/IP1, 2, 3, 4 Voltage Level
±2.8
±3.3
V p-p
DC to 50 kHz
PH/IPH1, 2, 3 Voltage Level
±4.25
V p-p
DC to 50 kHz
Input Impedance
PH/IP1, 2, 3
7.5
10
k
Ω
PH/IPH1, 2, 3
13.5
18
k
Ω
PH/IP1, 4
1
M
Ω
Mode 1 Only (2 Phase)
Sin & Cos
Gain
PH/IP1, 2, 3, 4
0.95
1
1.05
PH/IPH1, 2, 3
0.56
VECTOR PERFORMANCE
3-Phase Input-Output
Radius Error (Any Phase)
±0.4
±1
%
DC to 600 Hz
Angular Error
1, 2
PH/IP
15
30
arc min
DC to 600 Hz
PH/IPH
30
arc min
DC to 600 Hz
Differential Nonlinearity
±1
LSB
Full Power Bandwidth
50
kHz
Small Signal Bandwidth
200
kHz
ANALOG SIGNAL OUTPUTS
PH/OP1, 4
PH/IP, PH/IPH INPUTS
Output Voltage
3
±2.8
±3.3
V p-p
DC to 50 kHz
Offset Voltage
2
10
mV
Inputs = 0 V
Slew Rate
2
V/
µs
Small Signal Step Response
1
µs1° Input to Settle to
±1 LSB (Input to Output)
Output Impedance
15
Ω
Output Drive Current
3.0
4.0
mA
Outputs to AGND
Resistive Load
2
k
Ω
Capacitive Load
50
pF
STROBE
Write
100
ns
Positive Pulse
Max Update Rate
366
kHz
BUSY
Pulse Width
1.7
2.5
µs
Conversion in Process
VOH
4V dc
IOH = 0.5 mA
VOL
1V dc
IOL = 0.5 mA
DIGITAL INPUTS
DB1–DB12
VIH
3.5
V dc
VIL
1.5
V dc
Input Current, IIN
±10
µA
Input Capacitance, CIN
10
pF
CONV MODE
(CONV1, CONV2)
VIH
3.5
V dc
VIL
1.5
V dc
Input Current
100
µA
Internal 50 k
Ω
Input Capacitance
10
pF
Pull-Up Resistor
REV. 0
–2–
(VDD = +5 V
± 5%; V
SS = –5 V
± 5% AGND = DGND = O V;
TA = –40
°C to +85°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com