Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE4054 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
10
ACE4054 has a self‐temperature‐limiting (STL) function, the chip starts to limit its charge current by
reducing VPROG gradually after silicon temperature rises above 70℃. Say if the difference of junction
and ambient temperature is 45℃ at certain power rating, ACE4054 would have the same charge current
and junction temperature as chips without STL function at room temperature. As the ambient temperature
rises up to 55℃, a chip without STL would have 100℃ of junction temperature, while ACE4054 would
reduce its charge current and hence the junction temperature would be much lower. The STL function
helps to improve system reliability.
Charge Termination
The ACE4054 keeps monitoring the PROG pin during the charging process. It terminates the charge
cycle when the charge current falls to 1/10th the programmed value after the final float voltage is reached.
When the PROG pin voltage falls below 100mV for longer than tTERM (typically 1ms), charging is
terminated. The charge current is latched off and the ACE4054 enters standby mode, where the input
supply current drops to 200
μA. (Note: C/10 termination is disabled in trickle charging and thermal limiting
modes).
During charging, the transient response of the circuit can cause the PROG pin to fall below 100mV
temporarily before the battery is fully charged, thus can cause a premature termination of the charge
cycle. A 1ms filter time (tTERM) on the termination comparator can prevent this from happening. Once the
average charge current drops below 1/10th the programmed value, the ACE4054 terminates the charge
cycle and ceases to provide any current through the BAT pin. In this state, all loads on the BAT pin must
be supplied by the battery.
Figure 1. Charge Cycle Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com