Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
11
The ACE4054 constantly monitors the BAT pin voltage in standby mode and resume another charge
cycle if this voltage drops below the recharge threshold (VRECHRG). User can also manually restart a
charge cycle in standby mode either by removing and then reapplied the input voltage or restart the
charger using the PROG pin. A diagram of typical charge cycle is shown in figure 1.
Charge Status Indicator (CHRG)
There are three different states of the charge status output, namely strong pull-down (~10mA), weak
pull-down (~20μA) and high impedance. The strong pull-down state indicates that the ACE4054 is in a
charge cycle. When the charge cycle has terminated, the pin state is then determined by undervoltage
lockout conditions. If VCC meets the UVLO conditions, device is in weak pull-down statues and is ready
to charge. If the difference between Vcc and BAT pin voltage is less than 100mV or insufficient voltage is
applied to the VCC pin, High impedance appears on the charge statues pin.
Thermal Limiting
Build-in feedback circuitry mechanism can reduce the value of the programmed charge current once the
die temperature tends to rise above 120℃, hence prevents the temperature from further increase and
ensure device safe operation.
Undervoltage Lockout (UVLO)
Build-in undervoltage lockout circuit monitors the input voltage and keeps the charger in shutdown mode
until VCC rises above the shutdown mode until VCC rises above the undervoltage lockout threshold. The
UVLO circuit has a built-in hysteresis of 200mV. Furthermore, to protect against reverse current in the
power MOSFET, the UVLO circuit keeps the charger in shutdown mode if VCC falls to within 30mV of the
battery voltage. If the UVLO comparator is tripped, the charger will not come out of shutdown mode until
VCC rises 100mV above the battery voltage.
Manual Shutdown
Floating the PROG pin by removing the resistor from PROG pin to ground can put the device in
shutdown mode. The battery d
rain current is thus reduced to less than 5μA and the supply current to less
than 50μA. Reconnecting the resistor back will restart a new charge cycle.
Once manually shutdown, the CHRG pin is in a weak pull-down state if VCC is above UVLO voltage.
The CHRG pin is in a high impedance state if the ACE4054 is in undervoltage lockout mode.
Automatic Recharge
After the termination of the charge cycle, the ACE4054 constantly monitors the BAT pin voltage and
starts a new charge cycle when the battery voltage falls below 4.05V, keeping the battery at fully charged
condition. CHRG output enters a strong pull-down state during recharge cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com