Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE4054 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 18Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
14
Figure 3. A Circuit to Maximize Thermal Mode Charge Current
VCC Bypass Capacitor
Due to their self-resonant and high Q characteristics, some types of ceramic capacitors can cause high
voltage transients under some start-up conditions (i.e connecting the charger input to a live power source).
Adding a small value resistor in series with the ceramic capacitor can minimize start-up voltage transients.
CHARGE Current Soft-Start
To avoid the start-up transients, a soft-start circuit is included to ramp the charge current from zero to
programmed value over a period of time. This has the effect of minimizing the transient current load on
the power supply during start-up.
CHRG Status Output Pin
When the input voltage is larger than the undervoltage lockout threshold, a pull-down current of 20
μA to
the pin indicates that the device is ready to charge. When a discharged battery is connected to the
charger, the constant current portion of the charge cycle begins and the CHRG pin is pulled to ground.
The CHRG pin can sink up to 10mA to drive an LED that indicates that a charge cycle is in progress.
When the battery is close to fully charged, the charger switches to the constant-voltage portion of the
charge cycle and the charge current begins to drop. When the charge current drops below 1/10 of the
programmed current, the charge cycle ends and the strong pull-down is replaced by the 20
μA pull-down
as mentioned before, indicating that the charge cycle has ended.
If the input voltage is removed or drops below the undervoltage lockout threshold, the CHRG pin
becomes high impedance. Figure 4 shows that by using two different value pull-up resistors, a
microprocessor can detect all three states from this pin.
ACE4054
Figure 4. Using a Microprocessor to Determine CHRG State.
ACE4054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com