Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
12
Applications information
Stability Considerations
When a battery is connected to the output, the constant-voltage mode feedback is always stable.
However, in the case of absence of battery, an output capacitor is recommended to reduce ripple voltage.
In the case of high value capacitance or low ESR ceramic capacitors, a small value series resistor (~1
Ω)
is recommended. No series resistor is needed if tantalum capacitors are used.
In constant-current mode, the PROG pin is in the feedback loop, thus its impedance affects the stability.
The maximum allowed value of the program resistor is 20K, and additional capacitance reduces this value.
The pole frequency at the PROG pin needs to be kept above 100kHz to maintain device stability.
Therefore, the maximum resistance value can be calculated from the following equation, CPROG is the
capacitance loaded to the PROG pin.
Average rather than instantaneous charge current is more of a concern. A simple low pass filter can be
used on the PROG pin to measure the average battery current as shown in Figure 2. A 10K resistor has
been added between the PROG pin and the filter capacitor to ensure stability.
Figure 2. Isolating Capacitive Load PROG Pin and Filtering
Power Dissipation
The power dissipated in the IC causes the rise of die temperature. Most of the power dissipation is
caused by the internal power MOSFET, and can be calculated by the following equation:
PD= (VCC
– VBAT) ∙ IBAT
Where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and
IBAT is the charge current. The approximate ambient temperature at which the thermal feedback begins
to protect the IC is:
TA = 120℃ - PD
θJA
TA = 120℃ - (VCC
– VBAT) ∙ IBAT ∙ θJA
Example: An ACE4054 operating from a 5V USB supply is programmed to supply 400mA full-scale
current to a discharged Li-Ion battery with a voltage of 3.75V. Assuming
ΘJA is 150℃ / W (see Board
Layout Considerations), the ambient temperature at which the ACE4054 will begin to reduce the charge
current is approximately:
TA = 120℃ - (5V
– 3.75V) ∙ (400mA) ∙ 150℃ / W
TA = 120℃ -0.5W
∙ 150℃ / W = 120℃ - 75℃
TA = 45℃
ACE4054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com