Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
7
Day digit register ( at internal address 4H )
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
-
D20
D10
D8
D4
D2
D1
Write
0
0
D20
D10
D8
D4
D2
D1
Read
0
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default
*Default means read value when XSTP bit is set to “1” by starting up from 0V, or supply voltage drop, etc.
Mouth digit register ( at internal address 5H )
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
-
-
MO10
MO8
MO4
MO2
MO1
Write
0
0
0
MO10
MO8
MO4
MO4
MO1
Read
0
0
0
Undefined
Undefined
Undefined
Undefined
Undefined
Default
*Default means read value when XSTP bit is set to “1” by starting up from 0V, or supply voltage drop, etc.
Year digit register ( at internal address 6H )
D7
D6
D5
D4
D3
D2
D1
D0
Operation
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
Write
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
Read
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default
*Default means read value when XSTP bit is set to “1” by starting up from 0V, or supply voltage drop, etc.
4. Time Trimming Register ( at internal address 7H )
D7
D6
D5
D4
D3
D2
D1
D0
Operation
XSL_
F6
F5
F4
F3
F2
F1
F0
Write
XSL_
F6
F5
F4
F3
F2
F1
F0
Read
0
0
0
0
0
0
0
0
Default
*Default means read value when XSTP bit is set to
“1” by starting up from 0V, or supply voltage drop, etc.
XSL bit
The
XSL bit is used to select a crystal oscillator.Set the XSL to“0”(default) to use 32.768KHz;Set XSL
to“1”to use 32KHz.
F6 to F0
The time trimming circuit adjust one second count based on this readings when second digit is 00,20, or
40 seconds. Normally, counting up to seconds is made once per 32,768 of clock pulse (or 32,000 when
32.000KHz crystal is used) generated by the oscillator. Setting data to this register activates the time
trimming circuit. Register counts will be incremented as (( F5,F4,F3,F2,F1,F0)-
1) x2 when F6 is set to “0”.
Register counts will be incremented as ((F5, F4, F3, F2, F1, F0)-1) x2 when F6 is set to
“0”.
Register counts will be decremented as ((
F5, F4, F3, F2, F1, F0)+1) x2 when F6 is set to “1”.
Counts will not change when (F6, F5, F4, F3, F2, F1, F0) are set to (*, 0, 0, 0, 0, 0, *).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com