Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
10
6. Control Register 1 (at internal address EH)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
AALE
BALE
SL2
SL1
TEST
CT2
CT1
CT0
Write
AALE
BALE
SL2
SL1
TEST
CT2
CT1
CT0
Read
0
0
0
0
0
0
0
0
Default
*The default means read value when XSTP bit is set
to “1” by starting up from 0V, or supply voltage drop, etc.
AALE , BALE
ALARM-A, ALARM-B enable bits
AALE,BALE
Description
Operation
0
ALARM-A,ALARM-B correspondence action invalid
Default
1
ALARM-A,ALARM-B correspondence action valid
L2, SL1
Interrupt output select bits
SL2
SL1
Description
Operation
0
0
Outputs ALARM-A, ALARM-B, INT to the INTRA. Outputs 32K clock pulses to
the INTRB.
Default
0
1
Outputs ALARM-A, INT to the INTRA. Outputs 32K clock pulses, ALARM-B to
the INTRB.
1
0
Outputs ALARM-A, ALARM-B to the INTRA. Outputs 32K clock pulses, INT to
the INTRB.
1
1
Outputs ALARM-A to the INTRA. Outputs 32K clock pulses, ALARM-B, INT to
the INTRB.
By setting SL1 and SL2 bits, two alarm pulses (ALARM-A, ALARM-B), periodic interrupt output (INT),
32K clock pulses may be output to the INTRA or INTRB pins selectively.
TEST
ACE5372 Test bit
TEST
Description
Operation
0
Ordinary operation mode
Default
1
Test mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com