Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
9
Alarm-A day-of-week register (at internal address AH)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
AW6
AW5
AW4
AW3
AW2
AW1
AW0
Write
0
AW6
AW5
AW4
AW3
AW2
AW1
AW0
Read
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default
Alarm-B day-of-the-week register (at internal address DH)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
BW6
BW5
BW4
BW3
BW2
BW1
BW0
Write
0
BW6
BW5
BW4
BW3
BW2
BW1
BW0
Read
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default
*Default means read value when XSTP bit is set to “1” by starting up from 0V, or supply voltage drop, etc.
* ALARM-A, ALARM-B hour register D5 is set to
“0” for AM and “1” for PM in the 12-hour display system.
The register D5 indicates 10 digit of hour digit in 24-hour display system.
* To activate alarm operation, any imaginary alarm time setting should not be left to avoid un-matching.
* In hour digit display midnight is et to
“12”, noon is set to “32” in 12-hour display system.
* AW0 to AW6 (BW0 to BW6) correspond to the day-of-the-week counter being set at (0,0,0) to (1,1,0).
No alarm pulses are output when all of AW0 to AW6 (BW0 to BW6) are set to
“0”
Example of Alarm Time Settings
Alarm Time
Settings
Day-of-the-week
12-hour system
24-hour system
Sun
Mon
Tue
Wed
Thu
Fri
Sat
10H
1H
10M
1M
10H
1H
10M
1M
00:00AM
every day
1
1
1
1
1
1
1
1
2
0
0
0
0
0
0
05:27AM
every day
1
1
1
1
1
1
1
0
5
2
7
0
5
2
7
11:59AM
every day
1
1
1
1
1
1
1
1
1
5
9
1
1
5
9
00:00PM on
Mon thru Fri
0
1
1
1
1
1
0
3
2
0
0
1
2
0
0
05:56PM on
Wed
0
0
0
1
0
0
0
2
5
5
6
1
7
5
6
11:59PM on
Tue, Thu, and
Sat
0
0
1
0
1
0
1
3
1
5
9
2
3
5
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com