Electronic Components Datasheet Search
  English  ▼

X  

ACT801 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT801
Description  Active Direct Drive LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT801 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT801 Datasheet HTML 1Page - Active-Semi, Inc ACT801 Datasheet HTML 2Page - Active-Semi, Inc ACT801 Datasheet HTML 3Page - Active-Semi, Inc ACT801 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACT801
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active Direct Drive™ and Active Valley Fill™ are trademarks of Active-Semi
Product Brief, 22-Oct-12
PIN CONFIGURATION
TOP VIEW
SOP-16EP
ORDERING INFORMATION
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Standard product options are identified in this table. Contact factory for custom options.
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
ACT801YK-T
-40°C to 125°C
SOP-16EP
16
TAPE & REEL
1
2
3
4
9
5
6
7
8
10
11
12
13
14
15
16
EP
(VSS)
ACT801
VIN
N/C
N/C
VN
N/C
N/C
ISET
MODE
N/C
SWD
VP
TOP
SWC
SWB
SWA
IREG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com