Electronic Components Datasheet Search
  English  ▼

X  

ACT801 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT801
Description  Active Direct Drive LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT801 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT801 Datasheet HTML 1Page - Active-Semi, Inc ACT801 Datasheet HTML 2Page - Active-Semi, Inc ACT801 Datasheet HTML 3Page - Active-Semi, Inc ACT801 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ACT801
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active Direct Drive™ and Active Valley Fill™ are trademarks of Active-Semi
Product Brief, 22-Oct-12
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
VIN
Voltage Input. Connect to the positive output of the full bridge rectifier.
2
N/C
Not Connected.
3
N/C
Not Connected.
4
VN
Negative Supply Voltage. Connect to the negative output of the full bridge rectifier.
5
N/C
Not Connected.
6
N/C
Not Connected.
7
ISET
Current Setting. Connect a resistor between ISET and VSS to determine the LED current.
8
MODE
MODE Selection.
9
IREG
Current Regulation Output. Connect to the bottom of LED string.
10
SWA
LED Switch A.
11
SWB
LED Switch B.
12
SWC
LED Switch C.
13
SWD
LED Switch D.
14
TOP
LED String Top. Connect to the top of LED string.
15
N/C
Not Connected.
16
VP
Positive Supply Voltage. Connect a ceramic capacitor with appropriate voltage rating between VP
pin and VSS pin.
EP
VSS
Ground. Exposed Pad shown as dashed block. The exposed ground pad must be electrically
connected to Ground.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com