Electronic Components Datasheet Search
  English  ▼

X  

ACT801 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT801
Description  Active Direct Drive LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT801 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT801 Datasheet HTML 1Page - Active-Semi, Inc ACT801 Datasheet HTML 2Page - Active-Semi, Inc ACT801 Datasheet HTML 3Page - Active-Semi, Inc ACT801 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active Direct Drive™ and Active Valley Fill™ are trademarks of Active-Semi
ACT801
Active Direct Drive™ LED Driver
FEATURES
• Highest Efficiency Solution Up to 8W
• High Power Factor (> 0.90)
• Low Total Harmonic Distortion
• Low Component Count
• Low EMI
• Low Crest Factor
• No Flicker
• Low Strobe Light Motion Effect
• No Electrolytic Capacitor
• No Magnetic Components
• Over Temperature Protection
• Over Current Protection
• Brightness Stability over AC Line Voltage
Variation
• Space-Saving, Thermally-Enhanced SOP-16
EP (Exposed Pad) Package
• ACT801 for 100-120VAC Application
APPLICATIONS
• Solid State Lighting (SSL)
• LED Light Bulbs
• Replacement of Lamps for 100-120VAC
GENERAL DESCRIPTION
The ACT801 are LED driver ICs based on Active-
Semi's Patented Active Direct DriveTM Technology
and Patent-Pending Active Valley FillTM that
adaptively drives a string of variable-weighted LED
segments up to 8W directly from an AC line voltage
with very few total components. By adaptively
modulating the variable-segment-weighted LED
string voltage to match the varying AC line voltage,
the Active Direct DriveTM Technology results in the
ACT801 having highest efficiency, high power
factor (> 0.90), and low total harmonic distortion.
The high efficiency and high performance make the
ACT801 ideal for advanced energy saving solid
state lighting applications and eases thermal
design.
With very few external components, the ACT801
ensures high reliability and long life time for LED-
based luminaire designs. In addition, the IC protects
the LEDs from over current, and over temperature
conditions. The ACT801 are optimized to operate at
100-120VAC and non-dimmable application up to
8W.
The ACT801 also incorporate Active-Semi's Patent-
Pending Active Valley FillTM Technology for
maintaining smooth light output for the full AC cycle,
enabling the LEDs to operate without noticeable
flicker or strobe light motion effects. These devices
drive the LED string without high frequency
switching.
The ACT801 are available in the SOP-16EP
package.
TYPICAL APPLICATION DIAGRAM
Product Brief, 22-Oct-12


Similar Part No. - ACT801

ManufacturerPart #DatasheetDescription
logo
Concordia Technologies ...
ACT812X9.0 CONCORDIATECHNOLOGIES-ACT812X9.0 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
logo
Qorvo, Inc
ACT81460 QORVO-ACT81460 Datasheet
3Mb / 67P
Low Power PMIC With Integrated Linear Charger
Rev. C, January, 2022
logo
Active-Semi, Inc
ACT81460VM101-T ACTIVE-SEMI-ACT81460VM101-T Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
logo
Qorvo, Inc
ACT81460VM101-T QORVO-ACT81460VM101-T Datasheet
3Mb / 67P
Low Power PMIC With Integrated Linear Charger
Rev. C, January, 2022
More results

Similar Description - ACT801

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
SNC205S SONIX-SNC205S Datasheet
101Kb / 11P
Direct Drive Speech Controller
logo
ADTech
ADT6200 ADTECH-ADT6200 Datasheet
307Kb / 6P
AC Direct LED driver IC
logo
Texas Instruments
TPS92411EVM-001 TI-TPS92411EVM-001 Datasheet
808Kb / 16P
Switch Controlled Direct Drive Switch for Offline LED Drivers
logo
Exar Corporation
XR46010 EXAR-XR46010 Datasheet
146Kb / 2P
Active Load Current Regulator for Phase-Cut Dimmable AC Direct Drive LED Lamp
logo
ON Semiconductor
NCL30170 ONSEMI-NCL30170 Datasheet
280Kb / 12P
Direct AC Drive LED Driver
April, 2018 ??Rev. P0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com