Electronic Components Datasheet Search
  English  ▼

X  

ACT801 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT801
Description  Active Direct Drive LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT801 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT801 Datasheet HTML 1Page - Active-Semi, Inc ACT801 Datasheet HTML 2Page - Active-Semi, Inc ACT801 Datasheet HTML 3Page - Active-Semi, Inc ACT801 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACT801
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active Direct Drive™ and Active Valley Fill™ are trademarks of Active-Semi
Product Brief, 22-Oct-12
SOP-16 EP (EXPOSED PADDLE) PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
1.350
1.700
0.053
0.067
A1
0.020
0.120
0.001
0.005
A2
1.350
1.550
0.053
0.061
b
0.380
0.470
0.015
0.019
c
0.200
0.250
0.008
0.010
D
9.860
10.06
0.388
0.396
D1
3.300
4.000
0.130
0.157
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
1.780
2.500
0.070
0.098
e
1.270 TYP
0.050 TYP
L
0.450
0.800
0.018
0.031
θ
0°
8°
0°
8°
E1
E2
E
L
θ
c
A
A2
A1
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com