Electronic Components Datasheet Search
  English  ▼

X  

AD5262 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5262 Datasheet HTML 11Page - Analog Devices AD5262 Datasheet HTML 12Page - Analog Devices AD5262 Datasheet HTML 13Page - Analog Devices AD5262 Datasheet HTML 14Page - Analog Devices AD5262 Datasheet HTML 15Page - Analog Devices AD5262 Datasheet HTML 16Page - Analog Devices AD5262 Datasheet HTML 17Page - Analog Devices AD5262 Datasheet HTML 18Page - Analog Devices AD5262 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
–15–
AD5260/AD5262
A1
VO
5V
VIN
GND
VOUT
5V
AD1582
U1
AD8601
1
2
3
A
W
B
AD5260
Figure 15. Programmable Voltage Reference
8-Bit Bipolar DAC
Figure 16 shows a low cost 8-bit bipolar DAC. It offers the same
number of adjustable steps but not the precision of conventional
DACs. The linearity and temperature coefficients, especially at low
values codes, are skewed by the effects of the digital potentiometer
wiper resistance. The output of this circuit is:
V
D
V
O
REF
=-
Ê
ËÁ
ˆ
¯˜
¥
2
256
1
(4)
5VREF
OP2177
A2
–5V
OP2177
BA
W
W1
A1
VO
+5V
–5V
+5V
U2
+5VREF
VIN
GND
VOUT
TRIM
AD5260
Vi
ADR425
R
R
U1
Figure 16. 8-Bit Bipolar DAC
Bipolar Programmable Gain Amplifier
For applications that require bipolar gain, Figure 17 shows one
implementation. Digital potentiometer U1 sets the adjustment
range. The wiper voltage at W2 can therefore be programmed
between Vi and –KVi at a given U2 setting. Configuring A2 in
the noninverting mode allows linear gain and attenuation. The
transfer function is:
V
V
R
R
D
KK
O
i
=+
Ê
ËÁ
ˆ
¯˜
¥¥ +
() -
Ê
ËÁ
ˆ
¯˜
1
2
1
2
256
1
(5)
where K is the ratio of RWB1/RWA1 set by U1.
–KVi
A1
B1
OP2177
A2
VDD
VSS
R1
R2
VDD
VSS
OP2177
A2
B2
W2
U2
AD5262
U1
AD5262
W1
A1
Vi
VO
C1
Figure 17. Bipolar Programmable Gain Amplifier
Similar to the previous example, in the simpler (and much more
usual) case, where K = 1, a single digital pot AD5260, and U1
is replaced by a matched pair of resistors to apply Vi and – Vi at
the ends of the digital pot. The relationship becomes:
V
R
R
D
V
Oi
=+
Ê
ËÁ
ˆ
¯˜
-
Ê
ËÁ
ˆ
¯˜
¥
1
2
1
22
256
1
(6)
If R2 is large, a few picofarad compensation capacitors may be
needed to avoid any gain peaking.
Table VIII shows the result of adjusting D, with A2 configured as a
unity gain, a gain of 2, and a gain of 10. The result is a bipolar
amplifier with linearly programmable gain and 256-step resolution.
Table VIII. Result of Bipolar Gain Amplifier
DR1 =
•, R2 = 0
R1 = R2
R2 = 9R1
0–1
–2
–10
64
–0.5
–1
–5
128
0
0
0
192
0.5
1
5
255
0.968
1.937
9.680
Programmable Voltage Source with Boosted Output
For applications that require high current adjustment such as a
laser diode driver or turnable laser, a boosted voltage source can
be considered (see Figure 18).
Vi
A1
VO
W
U1
A
B
CC
5V
SIGNAL LO
N1
R1
10k
P1
RBIAS
IL
U1= AD5260
A1= AD8601, AD8605, AD8541
P1= FDP360P, NDS9430
N1= FDV301N, 2N7002
Figure 18. Programmable Boosted Voltage Source
In this circuit, the inverting input of the op amp forces the VO to be
equal to the wiper voltage set by the digital potentiometer. The
load current is then delivered by the supply via the P-Ch FET P1.
The N-Ch FET N1 simplifies the op amp driving requirement.
A1 needs to be the rail-to-rail input type. Resistor R1 is needed to
prevent P1 from not turning off once it is on. The choice of R1 is a
balance between the power loss of this resistor and the output turn-
off time. N1 can be any general-purpose signal FET; on the other
hand, P1 is driven in the saturation state, and therefore its power
handling must be adequate to dissipate (Vi – VO)
IL power. This
circuit can source a maximum of 100 mA at 5 V supply. Higher
current can be achieved with P1 in a larger package. Note, a single
N-Ch FET can replace P1, N1, and R1 altogether. However, the out-
put swing will be limited unless separate power supplies are used.
For precision application, a voltage reference such as ADR423,
ADR292, and AD1584 can be applied at the input of the digital
potentiometer.
Programmable 4-to-20 mA Current Source
A programmable 4-to-20 mA current source can be implemented
with the circuit shown in Figure 19. REF191 is a unique low
supply headroom and high current handling precision reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com