Electronic Components Datasheet Search
  English  ▼

X  

AD5262 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5262 Datasheet HTML 12Page - Analog Devices AD5262 Datasheet HTML 13Page - Analog Devices AD5262 Datasheet HTML 14Page - Analog Devices AD5262 Datasheet HTML 15Page - Analog Devices AD5262 Datasheet HTML 16Page - Analog Devices AD5262 Datasheet HTML 17Page - Analog Devices AD5262 Datasheet HTML 18Page - Analog Devices AD5262 Datasheet HTML 19Page - Analog Devices AD5262 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
–17–
AD5260/AD5262
VO, ID, and VD are interdependent variables. With proper selection
of R2B, an equilibrium will be reached such that VO converges. R2B
can be in series with a discrete resistor to increase the amplitude,
but the total resistance cannot be too large to saturate the output.
In both circuits in Figures 21 and 22, the frequency tuning requires
that both RDACs be adjusted to the same settings. Since the two
channels will be adjusted one at a time, an intermediate state will
occur that may not be acceptable for certain applications. As a
result, different devices can also be used in daisy-chained mode so
that parts can be programmed to the same setting simultaneously.
+5V
OP1177
VO
–5V
R2A
2.1k
D1
D2
R2B
10k
VN
R1
1k
A
B
W
R1 = R1 = R2B = AD5262
D1 = D2 = 1N4148
AD5262
C
2.2nF
R
10k
AB
W
VP
C
2.2nF
FREQUENCY
ADJUSTMENT
R
10k
A
B
W
U1
AMPLITUDE
ADJUSTMENT
Figure 22. Programmable Oscillator with
Amplitude Control
Resistance Scaling
The AD5260/AD5262 offer 20 k
W, 50 kW, and 200 kW nominal
resistance. For users who need lower resistance and still maintain the
numbers of step adjustment, they can parallel multiple devices. For
example, Figure 23 shows a simple scheme of paralleling both
channels of the AD5262. To adjust half of the resistance linearly
per step, users need to program both channels coherently with
the same settings.
W1
A1
B1
W2
A2
B2
LD
VDD
Figure 23. Reduce Resistance by Half with Linear
Adjustment Characteristics
In voltage divider mode, a much lower resistance can be achieved
by paralleling a discrete resistor as shown in Figure 24. The equiva-
lent resistance becomes:
R
D
RR
R
WB eq
W
_
=§§
() +
256
12
(16)
R
D
RR
R
WA eq
W
_
=-
Ê
ËÁ
ˆ
¯˜
§§
() +
1
256
12
(17)
W
A
B
R2
R1
R2 << R1
Figure 24. Lowering the Nominal Resistance
Figures 23 and 24 show that the digital potentiometers change steps
linearly. On the other hand, log taper adjustment is usually pre-
ferred in applications like audio control. Figure 25 shows another
way of resistance scaling. In this circuit, the smaller the R2 with
respect to RAB, the more the pseudo-log taper characteristic behaves.
VO
A
B
R1
R2
Vi
W
Figure 25. Resistor Scaling with Log Adjustment
Characteristics
RDAC CIRCUIT SIMULATION MODEL
The internal parasitic capacitances and the external capacitive
loads dominate the ac characteristics of the RDACs. Configured
as a potentiometer divider, the –3 dB bandwidth of the AD5260
(20 k
W resistor) measures 310 kHz at half scale. TPC 20 provides
the large signal BODE plot characteristics of the three available
resistor versions 20 k
W, 50 kW, and 200 kW. A parasitic simulation
model is shown in Figure 26. Listing I provides a macro model
net list for the 20 k
W RDAC.
AB
55pF
CA
25pF
CB
25pF
CW
RDAC
20k
W
Figure 26. RDAC Circuit Simulation Model for RDAC = 20 k
W
Listing I. Macro Model Net List for RDAC
PARAM D=256, RDAC=20E3
*
SUBCKT DPOT (A,W,B)
*
CA
A
0
25E-12
RWA
A
W
{(1-D/256)*RDAC+60}
CW
W
0
55E-12
RWB
W
B
{D/256*RDAC+60}
CB
B
0
25E-12
*
.ENDS DPOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com