Electronic Components Datasheet Search
  English  ▼

X  

AD5262 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5262 Datasheet HTML 12Page - Analog Devices AD5262 Datasheet HTML 13Page - Analog Devices AD5262 Datasheet HTML 14Page - Analog Devices AD5262 Datasheet HTML 15Page - Analog Devices AD5262 Datasheet HTML 16Page - Analog Devices AD5262 Datasheet HTML 17Page - Analog Devices AD5262 Datasheet HTML 18Page - Analog Devices AD5262 Datasheet HTML 19Page - Analog Devices AD5262 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
AD5260/AD5262
that can deliver 20 mA at 2.048 V. The load current is simply the
voltage across terminals B-to-W of the digital pot divided by RS.
I
VD
R
L
REF
S
=
¥
(7)
–5V
VOUT
OP1177
+
–
U2
+5V
RL
100
RS
102
VL
IL
A
B W
AD5260
C1
1 F
GND
REF191
SLEEP
VIN
5V
2U1
3
4
6
0 TO (2.048
VL)
–2.048V TO VL
Figure 19. Programmable 4-to-20 mA Current Source
The circuit is simple, but be aware that dual-supply op amps are
ideal because the ground potential of REF191 can swing from
–2.048 V at zero scale to VL at full scale of the potentiometer
setting. Although the circuit works under single supply, the pro-
grammable resolution of the system will be reduced.
Programmable Bidirectional Current Source
For applications that require bidirectional current control or higher
voltage compliance, a Howland current pump can be a solution
(see Figure 20). If the resistors are matched, the load current is:
I
RA
R B R
RB
V
LW
=
+
()
¥
22
1
2
/
(8)
–5V
+5V
AD8016
–15V
+15V
–15V
OP2177
AD5260
A1
VL
W
A
B
C2
10pF
IL
R1
150k
R1
150k
A2
C1
10pF
R2
15k
R2A
14.95k
RL
500
RL
50
+15V
Figure 20. Programmable Bidirectional Current Source
Programmable Low-Pass Filter
Digital potentiometer AD5262 can be used to construct a second
order Sallen Key Low-Pass Filter (see Figure 21). The design
equations are:
V
V
S
Q
S
O
i
O
O
O
=
++
w
w
w
2
2
2
(9)
w
O
RR C C
=
1
12 12
(10)
Q
RC
R C
=+
1
11
1
22
(11)
Users can first select some convenient values for the capacitors.
To achieve maximally flat bandwidth where Q = 0.707, let C1 be
twice the size of C2 and let R1 = R2. As a result, users can adjust
R1 and R2 to the same settings to achieve the desirable bandwidth.
A
B
Vi
AD8601
+2.5V
VO
–2.5V
W
R
R2
R1
A
B
W
R
C1
C2
ADJUSTED TO
SAME SETTINGS
Figure 21. Sallen Key Low-Pass Filter
Programmable Oscillator
In a classic Wien-bridge oscillator, Figure 22, the Wien network
(R, R
’, C, C’) provides positive feedback, while R1 and R2
provide negative feedback. At the resonant frequency, fo, the
overall phase shift is zero, and the positive feedback causes the
circuit to oscillate. With R = R
’, C = C’, and R2 = R2A//(R2B+
RDIODE), the oscillation frequency is:
w
p
OO
RC
f
RC
==
11
2
or
(12)
where R is equal to RWA such that:
R
D
R
AB
=
256
256
–
(13)
At resonance, setting
R
R
2
1
2
=
(14)
balances the bridge. In practice, R2/R1 should be set slightly larger
than 2 to ensure the oscillation can start. On the other hand, the
alternate turn-on of the diodes D1 and D2 ensures R2/R1 to be
smaller than 2 momentarily and therefore stabilizes the oscillation.
Once the frequency is set, the oscillation amplitude can be tuned
by R2B since:
2
3
2
VI R B V
OD
D
=+
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com