Electronic Components Datasheet Search
  English  ▼

X  

A1421 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1421
Description  High Precision Hall Effect AC-Coupled Differential Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1421 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1421 Datasheet HTML 1Page - Allegro MicroSystems A1421 Datasheet HTML 2Page - Allegro MicroSystems A1421 Datasheet HTML 3Page - Allegro MicroSystems A1421 Datasheet HTML 4Page - Allegro MicroSystems A1421 Datasheet HTML 5Page - Allegro MicroSystems A1421 Datasheet HTML 6Page - Allegro MicroSystems A1421 Datasheet HTML 7Page - Allegro MicroSystems A1421 Datasheet HTML 8Page - Allegro MicroSystems A1421 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High Precision Hall Effect AC-Coupled Differential
Sensor IC with Integrated Filter Capacitor
A1421, A1422,
and
A1423
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS, continued Valid at TA = – 40ºC to 150ºC, TJ ≤ 165°C; over operational air gap range and VCC
within operating range, unless otherwise noted. Typical operating parameters: VCC=12 V and TA=25°C.
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
MAGNETIC CHARACTERISTICS5,6
Operate Point
BOP
1421, Bdiff increasing, fBdiff = 200 Hz, Bdiff = 50 Gp-p
VOUT switches from low (on) to high (off)
0.0
15.0
27.5
G
1422, Bdiff increasing, fBdiff = 200 Hz, Bdiff = 50 Gp-p
VOUT switches from high (off) to low (on)
5.0
15.0
35.0
G
1423, Bdiff increasing, fBdiff = 200 Hz, Bdiff = 200 Gp-p
VOUT switches from high (off) to low (on)
10.0
65.0
100.0
G
Release Point
BRP
1421, Bdiff decreasing, fBdiff = 200 Hz, Bdiff = 50 Gp-p
VOUT switches from high (off) to low (on)
–12.5
0.0
7.5
G
1422, Bdiff decreasing, fBdiff = 200 Hz, Bdiff = 50 Gp-p
VOUT switches from low (on) to high (off)
–35.0
–15.0
–5.0
G
1423, Bdiff decreasing, fBdiff = 200 Hz, Bdiff = 200 Gp-p
VOUT switches from low (on) to high (off)
–100
–65.0
–10.0
G
Hysteresis
BHYS
1421, fBdiff = 200 Hz, Bdiff = 50 Gp-p
5
15
35
G
1422, fBdiff = 200 Hz, Bdiff = 50 Gp-p
–
30
–
G
1423, fBdiff = 200 Hz, Bdiff = 200 Gp-p
–
130
–
G
Applied Magnetic Field7
Bdiff
Differential p-p magnetic field
–
–
1250
G
1ICC is equivalent to ICC(max) + 3 mA.
2Time required to initialize device.
3Time required for the output switchpoints to be within specification.
4Output Rise Time will be dominated by the RC time constant.
5For lower frequencies, the absolute values of BOP, BRP, and BHYS may decrease due to delay induced by the high-pass filter.
6See Definitions of Terms section.
7Exceeding the maximum magnetic field may result in compromised absolute accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com