Electronic Components Datasheet Search
  English  ▼

X  

A1421 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1421
Description  High Precision Hall Effect AC-Coupled Differential Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1421 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1421 Datasheet HTML 1Page - Allegro MicroSystems A1421 Datasheet HTML 2Page - Allegro MicroSystems A1421 Datasheet HTML 3Page - Allegro MicroSystems A1421 Datasheet HTML 4Page - Allegro MicroSystems A1421 Datasheet HTML 5Page - Allegro MicroSystems A1421 Datasheet HTML 6Page - Allegro MicroSystems A1421 Datasheet HTML 7Page - Allegro MicroSystems A1421 Datasheet HTML 8Page - Allegro MicroSystems A1421 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
High Precision Hall Effect AC-Coupled Differential
Sensor IC with Integrated Filter Capacitor
A1421, A1422,
and
A1423
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
further from the zero-crossing. The output polarities are shown
in the Product Selection Guide table.
This variety of options provides flexibility for achieving solu-
tions for a wide range of applications, including automotive
transmission and crankshaft speed sensing.
The device package has an operating ambient temperature range
–40°C to 150°C , and is provided in a 4-pin plastic SIP. Each
package is available in a lead (Pb) free version (suffix, –T) , with
a 100% matte tin plated leadframe.
Description (continued)
OPERATING CHARACTERISTICS Valid at TA = – 40ºC to 150ºC, TJ ≤ 165°C; over operational air gap range and VCC within
operating range, unless otherwise noted. Typical operating parameters: VCC=12 V and TA=25°C.
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating; TJ < TJ(max)
4.0
12
26.5
V
Supply Current
ICC
–
4.2
7.0
mA
Output Saturation Voltage
VOUT(SAT) ISINK = 20 mA
–
140
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, Bdiff = 0
–
–
5
μA
PROTECTION COMPONENT CHARACTERISTICS
Reverse Supply Current
IRCC
VCC = –18 V
–
–
–1
mA
Supply Zener Current
IZSupply VS = 28 V
–
–
10
mA
Supply Zener Clamp Voltage1
VZSupply ICC = 10 mA, TA = 25°C
28
33
37
V
Output Zener Current
IZOutput VOUT = 28 V
–
–
3
mA
Output Zener Clamp Voltage
VZOutput IOUT = 3 mA, TA = 25°C
28
–
–
V
Output Short Circuit Current Limit
IOUTS(lim)
–
–
50
mA
RESPONSE CHARACTERISTICS
Power-On State
POS
t < tResponse
–
High
–
V
Power-On Time2,6
tPO
VCC > VCC(min)
–
4.5
9
ms
Settling Time3,6
tSettling
fBdiff ≥ 100 Hz
0
–
50
ms
Response Time6
tResponse Equal to tPO + tSettling; fBdiff ≥ 100 Hz
4.5
–
59
ms
Upper Corner Frequency
fCU
–3 dB, single pole
20
–
–
kHz
Lower Corner Frequency
fCL
–3 dB, single pole
–
–
20
Hz
OUTPUT CHARACTERISTICS
Output Rise Time4
tr
RPU = 1 kΩ, COUTC2 = 10 pF
–
–
200
ns
Output Fall Time
tf
RPU = 1 kΩ, ISINK = 20 mA, COUTC2 = 10 pF
–
–
200
ns
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com