Electronic Components Datasheet Search
  English  ▼

X  

A1421 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1421
Description  High Precision Hall Effect AC-Coupled Differential Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1421 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1421 Datasheet HTML 7Page - Allegro MicroSystems A1421 Datasheet HTML 8Page - Allegro MicroSystems A1421 Datasheet HTML 9Page - Allegro MicroSystems A1421 Datasheet HTML 10Page - Allegro MicroSystems A1421 Datasheet HTML 11Page - Allegro MicroSystems A1421 Datasheet HTML 12Page - Allegro MicroSystems A1421 Datasheet HTML 13Page - Allegro MicroSystems A1421 Datasheet HTML 14Page - Allegro MicroSystems A1421 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
High Precision Hall Effect AC-Coupled Differential
Sensor IC with Integrated Filter Capacitor
A1421, A1422,
and
A1423
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
On
Off
BRP(typ)1421
and Output Signal, VOUT
1421 Switching State
Applied Magnetic
Field, Bdiff
B
0.0
15.0
–15.0
OP(typ)1421, 1422
Off
Off
On
On
and Output Signal, VOUT
1422 Switching State
Off
On
On
and Output Signal, VOUT
1423 Switching State
t+
BOP(typ)1423
BRP(typ)1422
BRP(typ)1423
65.0
–65.0
Figure 2. Comparative typical output characteristics. This chart illustrates the switchpoints and the output polarities of the A1421,
A1422, and the A 1423. Characteristics shown without delay, see characteristic data charts for delay and phase shift contributions.
in the Characteristic Data section quantify the effect of the input
signal amplitude on the phase shift of the output. Positive values
of delay indicate a lagging output, while negative values indicate
a leading output.
AC-Coupled Operation
Steady-state magnet and system offsets are eliminated using an
on-chip differential bandpass filter. The upper and lower cut-off
frequencies of this patented filter are set using an internal inte-
grated capacitor. The differential structure of this filter improves
the ability of the IC to reject single-ended noise on the GND
or VCC lines and, as a result, makes the device more resistant
to EMI (electromagnetic interference) typically seen in hostile
remote-sensing environments.
Power Supply Protection
The device contains an on-chip voltage regulator and can operate
over a wide supply voltage range. In applications that operate the
device from an unregulated power supply, transient protection
must be added externally. For applications using a regulated line,
EMI/RFI protection may still be required. The circuit shown
in figure 3 is the most basic configuration required for proper
device operation.
Typical Circuit
A pull-up resistor, RPU, is required between the supply and out-
put terminals, as shown in figure 3. Also, the auxilliary terminal,
TEST, must be connected externally to the GND terminal.
2
1
3
4
V
OUT
0.1 uF
R
PU
V
S
VCC
TEST
VOUT
GND
A1421, A1422
or A1423
Figure 3. Basic application circuit
. A pull-up resistor, RPU, is required
with the output driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com