Electronic Components Datasheet Search
  English  ▼

X  

A1421 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1421
Description  High Precision Hall Effect AC-Coupled Differential Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1421 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1421 Datasheet HTML 1Page - Allegro MicroSystems A1421 Datasheet HTML 2Page - Allegro MicroSystems A1421 Datasheet HTML 3Page - Allegro MicroSystems A1421 Datasheet HTML 4Page - Allegro MicroSystems A1421 Datasheet HTML 5Page - Allegro MicroSystems A1421 Datasheet HTML 6Page - Allegro MicroSystems A1421 Datasheet HTML 7Page - Allegro MicroSystems A1421 Datasheet HTML 8Page - Allegro MicroSystems A1421 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
High Precision Hall Effect AC-Coupled Differential
Sensor IC with Integrated Filter Capacitor
A1421, A1422,
and
A1423
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Each device includes: a voltage regulator, two Hall transduc-
ers, temperature compensating circuitry, a low-level ampli-
fier, bandpass filter, Schmitt trigger, and an output driver. The
on-board regulator permits operation with supply voltages from
4.0 to 26.5 V. The output stage can switch 20 mA over the full
frequency response range of the device, and is compatible with
CMOS logic circuits.
The devices in this family differ from each other in their
switchpoint specifications and their switching polarity. The
A1421 has a small hysteresis and asymmetrical switchpoints,
with one switchpoint at the zero-crossing. The A1422 has a small
hysteresis and symmetrical switchpoints, both near the zero-
crossing. The A1423 offers high vibration immunity, by means
of its larger hysteresis that establishes symmetrical switchpoints
Pin-out Diagram
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
Refer to Power Derating section
28
V
Reverse Supply Voltage
VRCC
–18
V
Output Current
IOUT
25
mA
Reverse-Output Current
IROUT
–50
mA
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Terminal List Table
Number
Name
1
VCC
2
VOUT
3
TEST
4
GND
Description (continued)
Product Selection Guide
Part Number
Output Switching
at BDIFF = 0
Switchpoints
Symmetry
Packing*
BDiff
Increasing
BDiff
Decreasing
BOP(typ)
(G)
BRP(typ)
(G)
BOP(max)+
BRP(min)
(G)
BOP(typ)+
BRP(typ)
(G)
BOP(min)+
BRP(max)
(G)
A1421LK-T
Low (On) to
High (Off)
High (Off) to
Low (On)
15
0
15
15
7.5
Bulk, 500
pieces/bag
A1422LK-T
High (Off) to
Low (On)
Low (On) to
High (Off)
15
–15
0
0
0
A1423LK-T
High (Off) to
Low (On)
Low (On) to
High (Off)
65
–65
0
0
0
*Contact Allegro for additional packing options.
2
34
1
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com