Electronic Components Datasheet Search
  English  ▼

X  

AD5313 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices AD5313 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–15–
Bipolar Operation Using the AD5303/AD5313/AD5323
The AD5303/AD5313/AD5323 has been designed for single
supply operation, but bipolar operation is also achievable using
the circuit shown in Figure 39. The circuit shown has been
configured to achieve an output voltage range of –5 V < VOUT <
+5 V. Rail-to-rail operation at the amplifier output is achievable
using an AD820 or OP295 as the output amplifier.
1 F
VREFA/B
VDD
VOUTA/B
0.1 F
10 F
VDD = +5V
AD820/
OP295
5V
+5V
R1
10k
R2
10k
SCLK
DIN
SYNC
GND
SERIAL
INTERFACE
BUF A BUF B
AD5303/
AD5313/
AD5323
VOUT
VIN
GND
REF195
–5V
+6V TO +16V
Figure 39. Bipolar Operation Using the AD5303/AD5313/
AD5323
The output voltage for any input code can be calculated as
follows:
VOUT = [(VREF
× D/2N) × (R1+R2)/R1 – VREF × (R2/R1)]
where:
D is the decimal equivalent of the code loaded to the DAC and
N is the DAC resolution.
VREF is the reference voltage input, and gain bit = 0.
with:
VREF = 5 V
R1 = R2 = 10 k
Ω and VDD = 5 V
VOUT = (10
× D/2N) – 5 V
Opto-Isolated Interface for Process Control Applications
The AD5303/AD5313/AD5323 has a versatile 3-wire serial
interface making it ideal for generating accurate voltages in
process control and industrial applications. Due to noise, safety
requirements or distance, it may be necessary to isolate the
AD5303/AD5313/AD5323 from the controller. This can easily
be achieved by using opto-isolators, which will provide isolation
in excess of 3 kV. The serial loading structure of the AD5303/
AD5313/AD5323 makes it ideally suited for use in opto-isolated
applications. Figure 40 shows an opto-isolated interface to the
AD5303/AD5313/AD5323 where DIN, SCLK and SYNC are
driven from opto-couplers. The power supply to the part also
needs to be isolated. This is done by using a transformer. On
the DAC side of the transformer, a +5 V regulator provides the
+5 V supply required for the AD5303/AD5313/AD5323.
VDD
SCLK
10k
VREFA
DIN
SYNC
VDD
GND
VOUTA
0.1 F
10 F
BUF A BUF B
VREFB
VOUTB
SCLK
+5V
REGULATOR
POWER
VDD
SYNC
10k
VDD
DIN
10k
AD5303/
AD5313/
AD5323
Figure 40. AD5303/AD5313/AD5323 in an Opto-Isolated
Interface
Decoding Multiple AD5303/AD5313/AD5323s
The SYNC pin on the AD5303/AD5313/AD5323 can be used
in applications to decode a number of DACs. In this applica-
tion, all the DACs in the system receive the same serial clock
and serial data, but only the SYNC to one of the devices will be
active at any one time, allowing access to two channels in this
8-channel system. The 74HC139 is used as a 2-to-4 line de-
coder to address any of the DACs in the system. To prevent
timing errors from occurring, the enable input should be brought
to its inactive state while the coded address inputs are changing
state. Figure 41 shows a diagram of a typical setup for decoding
multiple AD5303/AD5313/AD5323 devices in a system.
74HC139
VCC
VDD
ENABLE
CODED
ADDRESS
1G
1A
1B
DGND
SYNC
DIN
SCLK
1Y0
1Y1
1Y2
1Y3
SYNC
DIN
SCLK
SYNC
DIN
SCLK
SYNC
DIN
SCLK
SCLK
DIN
AD5303/
AD5313/
AD5323
AD5303/
AD5313/
AD5323
AD5303/
AD5313/
AD5323
AD5303/
AD5313/
AD5323
Figure 41. Decoding Multiple AD5303/AD5313/AD5323
Devices in a System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com