Electronic Components Datasheet Search
  English  ▼

X  

AD5313 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices AD5313 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–17–
SCLK
SYNC
DIN
t2
t3
t5
t6
t4
t1
t14
DB15
DB0
DB15
DB0
DB15
DB0
SDO
INPUT WORD FOR DAC N
INPUT WORD FOR DAC (N+1)
UNDEFINED
INPUT WORD FOR DAC N
SCLK
SDO
t13
t12
VIL
VIH
t8
t15
Figure 45. Daisy-Chaining Timing Diagram
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5303/AD5313/AD5323 is mounted should be designed so
that the analog and digital sections are separated, and confined
to certain areas of the board. If the AD5303/AD5313/AD5323
is in a system where multiple devices require an AGND to
DGND connection, the connection should be made at one
point only. The star ground point should be established as close
as possible to the AD5303/AD5313/AD5323. The AD5303/
AD5313/AD5323 should have ample supply bypassing of 10
µF
in parallel with 0.1
µF on the supply located as close to the
package as possible, ideally right up against the device. The
10
µF capacitors are the tantalum bead type. The 0.1 µF
capacitor should have low Effective Series Resistance (ESR)
and Effective Series Inductance (ESI), like the common
ceramic types that provide a low impedance path to ground at
high frequencies to handle transient currents due to internal
logic switching.
The power supply lines of the AD5303/AD5313/AD5323 should
use as large a trace as possible to provide low impedance paths
and reduce the effects of glitches on the power supply line. Fast
switching signals such as clocks should be shielded with digital
ground to avoid radiating noise to other parts of the board, and
should never be run near the reference inputs. Avoid crossover
of digital and analog signals. Traces on opposite sides of the
board should run at right angles to each other. This reduces the
effects of feedthrough through the board. A microstrip tech-
nique is by far the best, but not always possible with a double-
sided board. In this technique, the component side of the board
is dedicated to ground plane while signal traces are placed on
the solder side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com