Electronic Components Datasheet Search
  English  ▼

X  

AD5313 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices AD5313 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–16–
AD5303/AD5313/AD5323 as a Digitally Programmable
Window Detector
A digitally programmable upper/lower limit detector using the
two DACs in the AD5303/AD5313/AD5323 is shown in Figure
42. The upper and lower limits for the test are loaded to DACs
A and B which, in turn, set the limits on the CMP04. If the
signal at the VIN input is not within the programmed window, a
LED will indicate the fail condition.
VREFA
VREFB
SCLK
DIN
SYNC
VDD
GND
VOUTA
VOUTB
+5V
0.1 F
10 F
SCLK
DIN
SYNC
VREF
VIN
1/2
CMP04
1k
FAIL
PASS/FAIL
1k
PASS
1/6 74HC05
AD5303/
AD5313/
AD5323
Figure 42. Window Detector Using AD5303/AD5313/AD5323
Coarse and Fine Adjustment Using the AD5303/AD5313/
AD5323
The DACs in the AD5303/AD5313/AD5323 can be paired
together to form a coarse and fine adjustment function, as
shown in Figure 43. DAC A is used to provide the coarse ad-
justment while DAC B provides the fine adjustment. Varying
the ratio of R1 and R2 will change the relative effect of the
coarse and fine adjustments. With the resistor values and exter-
nal reference shown, the output amplifier has unity gain for the
DAC A output, so the output range is 0 V to 2.5 V – 1 LSB.
For DAC B the amplifier has a gain of 7.6
× 10–3, giving DAC B
a range equal to 19 mV.
The circuit is shown with a 2.5 V reference, but reference volt-
ages up to VDD may be used. The op amps indicated will allow a
rail-to-rail output swing.
1 F
VREFA
VDD
GND
VOUTB
0.1 F
10 F
VDD = +5V
VOUT
VIN
GND
EXT
REF
AD820/
OP295
+5V
R3
51.2k
R4
390
AD780/REF192
WITH VDD = +5V
VOUTA
VREFB
R1
390
R2
51.2k
VOUT
AD5303/
AD5313/
AD5323
Figure 43. Coarse/Fine Adjustment
Daisy-Chain Mode
This mode is used for updating serially-connected or stand-
alone devices on the rising edge of SYNC. For systems that
contain several DACs, or where the user wishes to read back
the DAC contents for diagnostic purposes, the SDO pin may be
used to daisy-chain several devices together and provide serial
readback.
By connecting DCEN (Daisy-Chain Enable) pin high, the
Daisy-Chain Mode is enabled. It is tied low in the case of
Stand-Alone Mode. In Daisy-Chain Mode the internal gating
on SCLK is disabled. The SCLK is continuously applied to the
input shift register when SYNC is low. If more than 16 clock
pulses are applied, the data ripples out of the shift register and
appears on the SDO line. This data is clocked out after the
falling edge of SCLK and is valid on the subsequent rising and
falling edges. By connecting this line to the DIN input on the
next DAC in the chain, a multiDAC interface is constructed.
Sixteen clock pulses are required for each DAC in the system.
Therefore, the total number of clock cycles must equal 16N
where N is the total number of devices in the chain. When the
serial transfer to all devices is complete, SYNC should be taken
high. This prevents any further data being clocked into the input
shift register.
A continuous SCLK source may be used if it can be arranged
that SYNC is held low for the correct number of clock cycles.
Alternatively, a burst clock containing the exact number of clock
cycles may be used and SYNC taken high some time later.
When the transfer to all input registers is complete, a common
LDAC signal updates all DAC registers and all analog outputs
are updated simultaneously.
68HC11*
MISO
SYNC
DIN
SCLK
MOSI
SCK
PC7
PC6
LDAC
SDO
SYNC
SCLK
LDAC
SDO
SYNC
SCLK
LDAC
SDO
DIN
DIN
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5303/
AD5313/
AD5323*
(DAC 1)
AD5303/
AD5313/
AD5323*
(DAC 2)
AD5303/
AD5313/
AD5323*
(DAC N)
Figure 44. Daisy-Chain Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com