Electronic Components Datasheet Search
  English  ▼

X  

AD5203 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5203
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203 Datasheet(HTML) 5 Page - Analog Devices

  AD5203 Datasheet HTML 1Page - Analog Devices AD5203 Datasheet HTML 2Page - Analog Devices AD5203 Datasheet HTML 3Page - Analog Devices AD5203 Datasheet HTML 4Page - Analog Devices AD5203 Datasheet HTML 5Page - Analog Devices AD5203 Datasheet HTML 6Page - Analog Devices AD5203 Datasheet HTML 7Page - Analog Devices AD5203 Datasheet HTML 8Page - Analog Devices AD5203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD5232
–5–
ORDERING GUIDE
Number of
Number of
End-to-End
Temperature Package
Package
Devices per
Branding
*
Model
Channels
R AB (k )
Range (
°C)
Description
Option
Container
Information
AD5232BRU10
2
10
–40 to +85
TSSOP-16
RU-16
96
5232B10
AD5232BRU10-REEL7
2
10
–40 to +85
TSSOP-16
RU-16
1,000
5232B10
AD5232BRU50
2
50
–40 to +85
TSSOP-16
RU-16
96
5232B50
AD5232BRU50-REEL7
2
50
–40 to +85
TSSOP-16
RU-16
1,000
5232B50
AD5232BRU100
2
100
–40 to +85
TSSOP-16
RU-16
96
5232BC
AD5232BRU100-REEL7
2
100
–40 to +85
TSSOP-16
RU-16
1,000
5232BC
*Line 1 contains ADI logo symbol and the data code YYWW, line 2 contains detail model number listed in this column.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD5232 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25°C, unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –7 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VA, VB, VW to GND . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
AX – BX, AX – WX, BX – WX
Intermittent
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±2 mA
Digital Inputs and Output Voltage to
GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Operating Temperature Range
3 . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ Max) . . . . . . . . 150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Package Power Dissipation . . . . . . . . . . . . . (TJ Max – TA)/ JA
Thermal Resistance Junction-to-Ambient JA,
TSSOP-16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C/W
Thermal Resistance Junction-to-Case JC,
TSSOP-16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
°C/W
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Maximum terminal current is bounded by the maximum current handling of the
switches, maximum power dissipation of the package, and maximum applied
voltage across any two of the A, B, and W terminals at a given resistance.
3Includes programming of nonvolatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com