Electronic Components Datasheet Search
  English  ▼

X  

AD5203 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5203
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5203 Datasheet HTML 4Page - Analog Devices AD5203 Datasheet HTML 5Page - Analog Devices AD5203 Datasheet HTML 6Page - Analog Devices AD5203 Datasheet HTML 7Page - Analog Devices AD5203 Datasheet HTML 8Page - Analog Devices AD5203 Datasheet HTML 9Page - Analog Devices AD5203 Datasheet HTML 10Page - Analog Devices AD5203 Datasheet HTML 11Page - Analog Devices AD5203 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
–8–
AD5232
SERIAL DATA INTERFACE
The AD5232 contains a 4-wire SPI-compatible digital interface
(SDI, SDO,
CS, and CLK), and uses a 16-bit serial data word
loaded MSB first. The format of the SPI-compatible word is
shown in Table II. The chip select
(CS) pin needs to be held
low until the complete data word is loaded into the SDI pin.
When
CS returns high, the serial data word is decoded accord-
ing to the instructions in Table III. The Command Bits (Cx)
control the operation of the digital potentiometer. The Address
Bits (Ax) determine which register is activated. The Data Bits
(Dx) are the values that are loaded into the decoded register.
Table IV provides an address map of the EEMEM locations.
The last instruction executed prior to a period of no program-
ming activity should be the No Operation (NOP) instruction.
This will place the internal logic circuitry in a minimum power
dissipation state.
VALID
COMMAND
COUNTER
COMMAND
PROCESSOR
AND ADDRESS
DECODE
SERIAL
REGISTER
CLK
SDI
5V
RPULLUP
SDO
GND
PR
WP
CS
AD5232
Figure 3. Equivalent Digital Input-Output Logic
The equivalent serial data input and output logic is shown in
Figure 3. The open-drain output SDO is disabled whenever chip
select
CS is logic high. The SPI interface can be used in two slave
modes CPHA = 1, CPOL = 1 and CPHA = 0, CPOL = 0.
CPHA and CPOL refer to the control bits, which dictate
SPI timing in these MicroConverters
® and microprocessors:
ADuC812/ADuC824, M68HC11, and MC68HC16R1/916R1.
ESD protection of the digital inputs is shown in Figures 4a and 4b.
LOGIC
PINS
VDD
GND
INPUTS
300
AD5232
Figure 4a. Equivalent ESD Digital Input Protection
VDD
GND
INPUT
300
WP
AD5232
Figure 4b. Equivalent
WP Input Protection
DAISY CHAINING OPERATION
The serial data output pin (SDO) serves two purposes. It can
be used to read out the contents of the wiper setting and
EEMEM values using instruction 10 and 9 respectively. The
remaining instructions (#0–8, #11–15) are valid for daisy-
chaining multiple devices in simultaneous operations.
Daisy-chaining minimizes the number of port pins required
from the controlling IC (see Figure 5). The SDO pin contains
an open drain N-Channel FET that requires a pull-up resistor if
this function is used. As shown in Figure 5, users need to tie
the SDO pin of one package to the SDI pin of the next
package. Users may need to increase the clock period because
the pull-up resistor and the capacitive loading at the SDO-SDI
interface may require additional time delay between subsequent
packages. If two AD5232’s are daisy-chained, 32 bits of data
are required. The first 16 bits go to U2 and the second 16
bits with the same format go to U1. The 16 bits are formatted
to contain the 4-bit instruction, followed by the 4-bit address,
then the 8 bits of data. The
CS should be kept low until all 32
bits are locked into their respective serial registers. The
CS
is then pulled high to complete the operation.
SDI
SDO
CLK
+V
RP
2k
C
SDI
SDO
CLK
CS
CS
U1
U2
AD5232
AD5232
Figure 5. Daisy-Chain Configuration Using SDO
MicroConverter is a registered trademark of Analog Devices, Inc.
Table II. 16-Bit Serial Data Word
MSB B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
AD5232
C3
C2
C1
C0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Command bits are identified as Cx, address bits are Ax, and data bits are Dx. Command instruction codes are defined
in Table III.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com