Electronic Components Datasheet Search
  English  ▼

X  

AD5203 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5203
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5203 Datasheet HTML 12Page - Analog Devices AD5203 Datasheet HTML 13Page - Analog Devices AD5203 Datasheet HTML 14Page - Analog Devices AD5203 Datasheet HTML 15Page - Analog Devices AD5203 Datasheet HTML 16Page - Analog Devices AD5203 Datasheet HTML 17Page - Analog Devices AD5203 Datasheet HTML 18Page - Analog Devices AD5203 Datasheet HTML 19Page - Analog Devices AD5203 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD5232
–17–
–50
–35
–20
–510
25
2
40
55
70
TEMPERATURE – C
4
85
VDD = 5.5V
VDD = 2.7V
TPC 7. IDD vs. Temperature
TPC 8. IDD vs. Time (Save) Program Mode
FREQUENCY – Hz
12
6
–42
1k
10k
0
–6
–30
–12
–18
–24
–36
100k
1M
f
–3dB = 500kHz, R = 10k
VIN = 100mV rms
VDD = +2.5V,V SS = –2.5V
RL = 1M
f
–3dB = 45kHz, R = 100k
f–3dB = 95kHz, R = 50k
TA = 25 C
TPC 10. –3 dB Bandwidth vs. Resistance
FREQUENCY – Hz
10
10
1
0.1
0.01
0.001
100
1k
10k
100k
RAB = 10k
RAB = 50k , 100k
TA = 25 C
VDD = 5V
FILTER = 22kHz
TPC 11. Total Harmonic Distortion vs. Frequency
CODE
0
1
64
128
192
10
20
30
40
50
60
70
80
90
100
110
256
TA = 25 C
VDD = 2.7V
TPC 12. Wiper On-Resistance vs. Code
TPC 9. IDD vs. Time Read Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com