Electronic Components Datasheet Search
  English  ▼

X  

AD5203 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5203
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5203 Datasheet HTML 11Page - Analog Devices AD5203 Datasheet HTML 12Page - Analog Devices AD5203 Datasheet HTML 13Page - Analog Devices AD5203 Datasheet HTML 14Page - Analog Devices AD5203 Datasheet HTML 15Page - Analog Devices AD5203 Datasheet HTML 16Page - Analog Devices AD5203 Datasheet HTML 17Page - Analog Devices AD5203 Datasheet HTML 18Page - Analog Devices AD5203 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD5232
–15–
~
OFFSET BIAS
OFFSET
GND
AB
DUT
W
5V
VIN
VOUT
OP279
Figure 18. Noninverting Gain Test Circuit
~
OFFSET
GND
A
B
DUT
W
+15V
VIN
VOUT
OP42
–15V
2.5V
Figure 19. Gain vs. Frequency Test Circuit
+
_
DUT
CODE = OOH
0.1V
VSS TO VDD
RSW =
0.1V
ISW
ISW
W
B
Figure 20. Incremental ON Resistance Test Circuit
DUT
VSS
ICM
W
B
VDD
NC
NC
VCM
GND
A
NC = NO CONNECT
Figure 21. Common-Mode Leakage Current Test Circuit
W2
B2
VDD
A2
~
VIN
NC
W1
RDAC1
A1
B1 VSS
VOUT
RDAC2
CTA = 20 log [ VOUT /VIN]
Figure 22. Analog Crosstalk Test Circuit
Flash/EEMEM Reliability
The Flash/EE Memory array on the AD5232 is fully qualified
for two key Flash/EE memory characteristics, namely Flash/EE
Memory Cycling Endurance and Flash/EE Memory Data
Retention.
Endurance quantifies the ability of the Flash/EE memory to be
cycled through many Program, Read, and Erase cycles. In real
terms, a single endurance cycle is composed of four indepen-
dent, sequential events. These events are defined as:
a. Initial page erase sequence
b. Read/verify sequence
c. Byte program sequence
d. Second read/verify sequence
During reliability qualification Flash/EE memory is cycled from
00H to FFH until a first fail is recorded, signifying the endurance
limit of the on-chip Flash/EE memory.
As indicated in the specification pages of this data sheet, the
AD5232 Flash/EE Memory Endurance qualification has been
carried out in accordance with JEDEC Specification A117 over
the industrial temperature range of –40
°C to +85°C. The results
allow the specification of a minimum endurance figure over supply
and temperature of 100,000 cycles, with an endurance figure of
700,000 cycles being typical of operation at 25
°C.
Retention quantifies the ability of the Flash/EE memory to retain
its programmed data over time. Again, the AD5232 has been
qualified in accordance with the formal JEDEC Retention Life-
time Specification (A117) at a specific junction temperature
(TJ = 55°C). As part of this qualification procedure, the Flash/EE
memory is cycled to its specified endurance limit described above,
before data retention is characterized. This means that the Flash/EE
memory is guaranteed to retain its data for its full-specified reten-
tion lifetime every time the Flash/EE memory is reprogrammed. It
should also be noted that retention lifetime, based on an activa-
tion energy of 0.6 eV, will derate with TJ as shown in Figure 23.
TJ JUNCTION TEMPERATURE – C
300
250
0
40
200
150
100
50
50
60
70
80
90
100
110
ADI TYPICAL
PERFORMANCE
AT
TJ = 55 C
Figure 23. Flash/EE Memory Data Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com