Electronic Components Datasheet Search
  English  ▼

X  

H211 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H211
Description  2 Phase DC Motor Drive IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H211 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H211 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200918
Issued Date : 2009.09.14
Revised Date : 2009.10.29
Page No. : 3/9
H211
HSMC Product Specification
Absolute Maximum Ratings
Characteristics
Symbol
Value
Unit
Zener Breakdown Voltage
VZ
35
V
NO/SO Pin Voltage
VO
30
V
Hold
500
mA
Output Current
Continuous
IO
350
mA
Peak Reverse Current
IR
100
mA
FG pin OFF voltage
VFG
30
V
FG sink current
IFG
20
mA
PD (Ta=25℃)
600
mW
Power Dissipation
PD (Ta=70℃)
450
mW
Operating Temperature Range
TOP
-20~85
℃
Storage Temperature Range
TS
-65~150
℃
Junction Temperature
TJ
150
℃
Lead Temperature (Soldering,10 sec)
260
℃
Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VCP
ICC < 10mA (fig.1)
4
20
V
Quiescent Supply Current
ICC
VCC: 3~20V (fig.1)
2
7
mA
NO/SO Saturation Voltage
VSAT
Io=300mA (fig.1)
1.5
V
FG Leakage Current
IOFF
V FG=30V (fig.1)
1
uA
FG Saturation Voltage
ION
I FG=5mA (fig.2)
0.2
0.5
V
Rise Time
TR
RL=1K CL=10PF
3.0
10
uS
Fall Time
TF
RL=1K CL=10PF
0.3
10
uS
Note: No use pin is open when the device is under test.
Magnetic Characteristics (TA =-20℃~85℃)
Characteristics
Symbol
Min
Max
Unit
Rank
Operate Point
BOP
5
50
G
H211A
Release Point
BRP
-50
-5
G
A
Operate Point
BOP
-
70
G
H211B
Release Point
BRP
-70
-
G
B
Operate Point
BOP
-
90
G
H211C
Release Point
BRP
-90
-
G
C
Operate Point
BOP
-
130
G
H211D
Release Point
BRP
-130
-
G
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com