Electronic Components Datasheet Search
  English  ▼

X  

H211 Datasheet(PDF) 8 Page - Hi-Sincerity Mocroelectronics

Part # H211
Description  2 Phase DC Motor Drive IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H211 Datasheet(HTML) 8 Page - Hi-Sincerity Mocroelectronics

  H211 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200918
Issued Date : 2009.09.14
Revised Date : 2009.10.29
Page No. : 8/9
H211
HSMC Product Specification
The safety value of Rc=1kΩ.
D1 is the reverse protection diode. As if the red and black wires reversely are connected with the power source,
the current will flow through the ground via IC and coils L1 and L2 to power supply. Under such kind of
circumstance, the IC and coils are easy to be burned out. Therefore, D1, the reverse protection diode, is
necessary for the design. However, D1 will also cause an extra voltage drop on the supply voltage.
C1 is a capacitor to reduce the ripple noise caused during the transient of the output stages. The volume of the ripple
noise depends on the coil impedance and characteristics.
Fig.18 H211 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com