Electronic Components Datasheet Search
  English  ▼

X  

H211 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H211
Description  2 Phase DC Motor Drive IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H211 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H211 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200918
Issued Date : 2009.09.14
Revised Date : 2009.10.29
Page No. : 1/9
H211
HSMC Product Specification
H211 2 Phase DC Motor Drive IC
General Description
The H211, a one-chip composed of hall sensor and output coil drivers, applied to
2-phase brush-less DC motor. The device includes an on-chip Hall sensor for
magnetic sensing, an amplifier that amplifies the Hall voltage, a Schmitt trigger to provide switch hysteresis for noise
rejection, a temperature compensation circuit to compensate the temperature drift of Hall sensitivity, two
complementary open-collector drivers for sinking large load current. It also includes an internal band-gap regulator
which is used to provide bias voltage for internal circuits.
The high sensitivity of Hall Effect sensor is suitable for motors from mini-type CPU coolers to blowers and DC fans.
Typical operation current is 0.3A with wide range of operating voltage. FG single, an open collector, provides a square
waveform output for the detection of the motor speed.
Place the device in a variable magnetic field, while the magnetic flux density is larger than threshold BOP, NO will be
turned on (low) and SO (and FG) will be turned off (high). This output state is held till the magnetic flux density
reversal falls below BRP causing NO to be turned off (high) and SO (and FG) turned on(low).
Features
․
On-chip Hall Sensor/Drivers
․
4V to 20V Supply Voltage
․
Output Sink Current up to 0.4A
․
Low Quiescent Supply Current under 5mA
․
Built-in FG Output
․
Low Profile TO-94 (SIP-4L) Package
Typical Application Circuit
C1, C2, R2, R3 is optional for reduce electromagnetism noise. R2, R3 must be greater than 50 ohm.
Fig.2 H211 Typical Application Circuit


Similar Part No. - H211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2110B-3 ETC2-H2110B-3 Datasheet
98Kb / 2P
NEMA Contactors & Starters Freedom
H2110B-3 ETC-H2110B-3 Datasheet
226Kb / 4P
NEMA Contactors & Starters 33-79
H2111B-3 ETC2-H2111B-3 Datasheet
98Kb / 2P
NEMA Contactors & Starters Freedom
H2111B-3 ETC-H2111B-3 Datasheet
226Kb / 4P
NEMA Contactors & Starters 33-79
H2112B-3 ETC2-H2112B-3 Datasheet
98Kb / 2P
NEMA Contactors & Starters Freedom
More results

Similar Description - H211

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
319 UTC-319_11 Datasheet
156Kb / 7P
SINGLE PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477 Datasheet
155Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
UH210 UTC-UH210 Datasheet
154Kb / 5P
2-PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477_15 Datasheet
171Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
UH200 UTC-UH200 Datasheet
166Kb / 6P
2-PHASE DC MOTOR DRIVE IC
UH210 UTC-UH210_15 Datasheet
161Kb / 5P
2-PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477_17 Datasheet
141Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS211F FEELING-FS211F Datasheet
128Kb / 13P
2 PHASE DC MOTOR DRIVE IC
FS310 FEELING-FS310 Datasheet
122Kb / 13P
SINGLE PHASE DC MOTOR DRIVE IC
FS319 FEELING-FS319 Datasheet
125Kb / 13P
SINGLE PHASE DC MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com