Electronic Components Datasheet Search
  English  ▼

X  

H211 Datasheet(PDF) 9 Page - Hi-Sincerity Mocroelectronics

Part # H211
Description  2 Phase DC Motor Drive IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H211 Datasheet(HTML) 9 Page - Hi-Sincerity Mocroelectronics

  H211 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H211 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200918
Issued Date : 2009.09.14
Revised Date : 2009.10.29
Page No. : 9/9
H211
HSMC Product Specification
Package Dimensions
A
B
C
a1
a2
D
E
F
G
H
Marking Site
a1
J
I
K
a2
E
12
3
4
L
DIM
Min.
Max.
Marking:
Note: Green label is used for pb-free packing
Pin Style: 1.VCC 2.Vout1 3.Vout2 4.GND
Hall Sensor Location:
2.0 0 m m
1.25 m m
To p
Vie w
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family, flammability
solid burning class: UL94V-0
A
5.12
5.32
B
4.10
4.30
C
3.55
3.75
D
0.43
0.49
E
0.35
0.41
F
1.24
1.30
G
3.78
3.84
H
1.32
1.52
I
1.45
1.65
J
0.93
1.13
K
13.00
15.50
L
a1
3
o
5
o
a2
5
o
7
o
*: Typical, Unit: mm
4-Lead SIP-4L
Plastic Package
HSMC Package Code: AD
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of AVANTIC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office:
• Head Office (Hi-Sincerity Microelectronics Corp.): 5/F., Golden Harvest Building 15 Wang Chiu Road, Kowloon Bay, Hong Kong
Tel: +852-2755-7162 Fax: +852-2755- 7795
AVANTICS : Shanghai Address: No.399, Cai Lum Rd. Zhangjiang Technology Industrial Park Pudong, Shanghai 201210, China
Tel: +86(21) 61637118
Fax: +86(21)61637006



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com