Electronic Components Datasheet Search
  English  ▼

X  

H960 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H960
Description  LCD standby power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H960 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H960 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200916
Issued Date : 2009.09.12
Revised Date :
Page No. : 2/5
H960
HSMC Product Specification
Absolute Maximum Ratings
Parameter
Value
Unit
Supply Voltage Vcc
16
V
Input Voltage
16
V
Switch Current
300
mA
Power Dissipation
1000
mW
Operating Junction Temperature
0~+125
°C
Storage Temperature
-
55~+150
°C
Block Diagram
Recommend Operation Condition
PARAMETER
MIN
TYP
MAX
UNIT
Supply Voltage Vcc
4.8
5.5
9.0
V
Pin input Voltage
-
0.3
-
Vcc
V
Peak reverse Voltage
-
-
500
V
Peak Switch Current
-
-
250
mA
Timing capacitance
270
330
680
PF
Frequency
32
61
81
KHz
Operation temperature
0
70
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com