Electronic Components Datasheet Search
  English  ▼

X  

H960 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H960
Description  LCD standby power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H960 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H960 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200916
Issued Date : 2009.09.12
Revised Date :
Page No. : 3/5
H960
HSMC Product Specification
Electrical Characteristics(Ta=25°C,Vcc=5.5-7.5V,Ct=330PF)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Output
Breakdown voltage of switch TR
Ioc=10mA
700
-
-
V
Vsat of switch TR
Ioc=250mA
-
-
1
V
Rise time of output
CL=1nF
-
-
75
ns
Fall time of output
CL=1nF
-
-
75
ns
Output Limited current
―
250
270
290
mA
OE clamp voltage
OE=0.001-0.29A
-
1.5
-
V
Vref
Vref
Io=1.0mA
2.4
2.5
2.6
V
Line regulation
Vcc=5.5-9V
-
2
20
mV
Load regulation
Io=0.1-1.2mA
-
-
3
%
temperature stability
-
0.2
-
mV/℃
Output noise voltage
F=10Hz-10KHz
-
-
50
μV
Long term stability
T=85℃,1000hour Operation
-
5
-
mV
OSC
Oscillator frequency
Ct=330PF
59
66
73
KHz
Frequency variation with VCC
Vcc=5.5-9V
-
-
1
%
Frequency variation with TEM.
Ta=0-85℃
-
-
1
%
Vp-p of Oscillator output
-
2.2
-
V
Fall time of Oscillator output
Ct=330PF
-
800
-
ns
FB
Pull up current
-
0.50
0.60
mA
Input
Impedance
Pull down
resistor
-
30
-
KΩ
PSRR
Vcc=5.5-9V
-
60
70
dB
CURRENT SAMPLE (IS)
IS threshold
0.55
0.60
0.65
V
Limited current
0.25
0.27
0.29
A
PSRR
-
60
70
dB
delay
-
150
250
ns
PWM
Maximum duty cycle
53
57
61
%
Minimum duty cycle
-
-
3.5
%
SUPPLY CURRENT
Startup OC current
1.6
2.4
3.2
mA
Startup supply current
-
55
80
μA
supply current
Vcc=8V
-
2.8
-
mA
Startup voltage
8.6
8.8
9.0
V
Under voltage threshold
4.0
4.2
4.5
V
Re-startup voltage
-
3.6
-
V
Over voltage threshold
9.5
10
10.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com