Electronic Components Datasheet Search
  English  ▼

X  

H960 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H960
Description  LCD standby power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H960 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H960 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H960 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200916
Issued Date : 2009.09.12
Revised Date :
Page No. : 1/5
H960
HSMC Product Specification
H960
High Efficiency Current Mode PWM Controller
Description
H960 is a high performance PWM controller IC specially designed for low
power AC/DC application. Implemented with Avantics patented proprietary
technology, H960 can provide a “No Y-Cap” AC/DC solution with distinguished
advantages in low standby power, high efficiency and better OVP performance
Package : DIP-8
Package Code : P
Features
Over-load and saturation protection with patent design technology, which can prevent over-load, switching
transformer saturation, output short circuit and other faults in time.
Built-in bipolar power transistor for switching, achieves start-up uses its magnification function as well,
which can reduce the power of the start-up resistance to less than 1/10.
Built-in slope compensation circuit; over temperature protection circuit; slope current driving circuit.
5.5W of wide voltage output; 8W of 220Vac output; less than 0.25W when there is no load.
Application
Adaptor, Charger
LCD standby power
Home appliance Power
Low Power AC/DC switch mode power supply( up to 8W)
Pin Descriptions
Pin No.
Symbol
Description
1
OB
Base of power transistor; Start-up current control
2
CT
Oscillator Input C
3
GND
Ground
4
FB
Feedback input
5
VCC
Power supply
6
OE
Emitter of power transistor; Start-up current input
7
OC
Collector of power transistor
8
OC
Collector of power transistor
Built-in test pin
VR
2.5V reference voltage
Built-in test pin
IS
Current of power transistor


Similar Part No. - H960

ManufacturerPart #DatasheetDescription
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
More results

Similar Description - H960

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LC-X1228P PANASONIC-LC-X1228P Datasheet
39Kb / 1P
FOR STANDBY POWER SUPPLIES
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
15W PC Standby power supply
logo
Panasonic Battery Group
LC-P1265 PANASONICBATTERY-LC-P1265 Datasheet
1Mb / 2P
For standby power supplies
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
Low Standby Power: Under 0.1W
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
Low power standby
logo
STMicroelectronics
STLED325 STMICROELECTRONICS-STLED325 Datasheet
667Kb / 62P
Standby power management to host
27-Apr-2011
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
LOW STANDBY POWER PFC CONTROLLER
Rev 1
logo
SIFIRST TECHNOLOGIES NA...
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
Less than 75mW Standby Power
logo
Panasonic Battery Group
LC-P1220P PANASONICBATTERY-LC-P1220P Datasheet
215Kb / 2P
FOR STANDBY POWER SUPPLIES.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com