Electronic Components Datasheet Search
  English  ▼

X  

AD602AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD602AR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD602AR Datasheet HTML 9Page - Analog Devices AD602AR Datasheet HTML 10Page - Analog Devices AD602AR Datasheet HTML 11Page - Analog Devices AD602AR Datasheet HTML 12Page - Analog Devices AD602AR Datasheet HTML 13Page - Analog Devices AD602AR Datasheet HTML 14Page - Analog Devices AD602AR Datasheet HTML 15Page - Analog Devices AD602AR Datasheet HTML 16Page - Analog Devices AD602AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD600/AD602
REV. A
–13–
(This system can, of course, be used as an AGC amplifier, in
which the rms value of the input is leveled.) Figure 21 shows the
“decibel” output voltage. More revealing is Figure 22, which
shows that the deviation from the ideal output predicted by
Equation 1 over the input range 80
µV to 500 mV rms is within
450
300
150
10
µV
100
µV
10V
1V
100mV
10mV
1mV
225
375
350
200
275
425
325
175
250
400
INPUT SIGNAL –V RMS
Figure 20. The RMS Output of A2 Is Held Close to the
“Setpoint” 316 mV for an Input Range of Over 80 dB
5
0
–5
10
µV
100
µV
10V
1V
100mV
10mV
1mV
1
2
3
4
–4
–3
–2
–1
INPUT SIGNAL – V RMS
Figure 21. The dB Output of Figure 19’s Circuit Is Linear
Over an 80 dB Range
2.5
0
–2.5
10
µV
100
µV
10V
1V
100mV
10mV
1mV
0.5
1.0
1.5
2.0
–2.0
–1.5
–1.0
–0.5
INPUT SIGNAL – V RMS
Figure 22. Data from Figure 20 Presented as the Deviation
from the Ideal Output Given in Equation 4
±0.5 dB, and within ±1 dB for the 80 dB range from 80 µV to
800 mV. By suitable choice of the input attenuator R1 + R2,
this could be centered to cover any range from 25 mV to 250 mV
to, say, 1 mV to 10 V, with appropriate correction to the value
of VREF. (Note that VSCALE is not affected by the changes in the
range.) The gain ripple of
±0.2 dB seen in this curve is the re-
sult of the finite interpolation error of the X-AMP. Note that it
occurs with a periodicity of 12 dB—twice the separation be-
tween the tap points (because of the two cascaded stages).
This ripple can be canceled whenever the X-AMP stages are
cascaded by introducing a 3 dB offset between the two pairs of
control voltages. A simple means to achieve this is shown in
Figure 23: the voltages at C1HI and C2HI are “split” by
±46.875 mV, or ±1.5 dB. Alternatively, either one of these pins
can be individually offset by 3 dB and a 1.5 dB gain adjustment
made at the input attenuator (R1 + R2).
16
15
14
13
12
11
10
9
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
+6V DEC
–6V DEC
C2
2
µF
1
2
3
4
5
6
7
NC
NC
NC
–6V
DEC
VINP
VNEG
CAVG
VLOG
BFOP
BFIN
U2
AD636
U1
AD600
–46.875mV
+46.875mV
NC = NO CONNECT
10k
Ω
78.7
Ω
78.7
Ω
10k
Ω
+6V
DEC
3dB OFFSET
MODIFICATION
–6V
DEC
Figure 23. Reducing the Gain Error Ripple
The error curve shown in Figure 24 demonstrates that over the
central portion of the range the output voltage can be main-
tained very close to the ideal value. The penalty for this modifi-
cation is the higher errors at the extremities of the range. The
next two applications show how three amplifier sections can be
cascaded to extend the nominal conversion range to 120 dB,
with the inclusion of simple LP filters of the type shown in Fig-
ure 15. Very low errors can then be maintained over a 100 dB
range.
2.5
0
–2.5
10
µV
100
µV
10V
1V
100mV
10mV
1mV
0.5
1.0
1.5
2.0
–2.0
–1.5
–1.0
–0.5
INPUT SIGNAL – V RMS
Figure 24. Using the 3 dB Offset Network, the Ripple
Is Reduced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com