Electronic Components Datasheet Search
  English  ▼

X  

AD602AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD602AR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD602AR Datasheet HTML 12Page - Analog Devices AD602AR Datasheet HTML 13Page - Analog Devices AD602AR Datasheet HTML 14Page - Analog Devices AD602AR Datasheet HTML 15Page - Analog Devices AD602AR Datasheet HTML 16Page - Analog Devices AD602AR Datasheet HTML 17Page - Analog Devices AD602AR Datasheet HTML 18Page - Analog Devices AD602AR Datasheet HTML 19Page - Analog Devices AD602AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD600/AD602
REV. A
–16–
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
U1 AD600
+6V DEC
–6V DEC
U3A
1/4
AD713
R2
100
Ω
VOUT
C1
0.1
µF
U3B
1/4
AD713
R1
133k
Ω
C2
0.1
µF
R5
5.36k
Ω
R4
133k
Ω
C3
0.001
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
U2 AD600
+6V DEC
–6V DEC
C4
2
µF
C5
22
µF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC
NC
–6V DEC
U3C
R11
56.2k
Ω
+6V DEC
NC
NC
NC
1/4
AD713
+316.2mV
VINP
VNEG
CAVG
VLOG
BFOP
BFIN
VPOS
COMM
LDLO
V
U4
AD636
NC = NO CONNECT
0.1
µF
0.1
µF
FB
–6V
+6V
POWER SUPPLY
DECOUPLING NETWORK
+6V DEC
–6V DEC
FB
R10
3.16k
Ω
C6
4.7
µF
VLOG
R15
5.11k
Ω
R14
7.32k
Ω
+6V DEC
R13
866
Ω
R12
1k
Ω
INPUT
R17
115
Ω
R3
200
Ω
R6
3.4k
Ω
+6V
R7
1k
Ω
R8
294
Ω
R9
1k
Ω
R16
287
Ω
RMS
Figure 29. 120 dB Dynamic Range RMS Responding Circuit Optimized for S/N Ratio
resistance of U1A as well as the fixed 6 dB attenuation provided
by R2 and the input resistance of U1B are included both to set
VLOG to read 0 dB when VIN is 3.16 mV rms and to center the
100 dB range between 10
µV rms and 1 V rms input. R5 and
C3 provide a 3 dB noise bandwidth of 30 kHz. R12 to R15
change the scaling from 625 mV/decade at the control inputs to
1 V/decade at the output and at the same time center the dy-
namic range at 60 dB, which occurs if the VG of U1B is equal to
zero. These arrangements ensure that the VLOG will still fit
within the
±6 V supplies.
Figure 30 shows VLOG to be linear over a full 120 dB range.
Figure 31 shows the error ripple due to the individual gain func-
tions which is bounded by
±0.2 dB (dotted lines) from 6 µV to
2 V. The small perturbations at about 200
µV and 20 mV,
caused by the impracticality of matching the gain functions per-
fectly, are the only sign that the gains are now sequential. Fig-
ure 32 is a plot of VAGC which remains very close to its set value
of 316 mV rms over the full 120 dB range.
To more directly compare the signal-to-noise ratios in the
“simultaneous” and “sequential” modes of operation, all inter-
stage attenuation was eliminated (R2 and R3 in Figure 25, R2 in
Figure 29), the input of U1A was shorted, R5 was selected to
provide a 20 kHz bandwidth (R5 = 7.87 k
Ω), and only the gain
control was varied, using an external source. The rms value of
the noise was then measured at VOUT and expressed as an S/N
5
3
–5
1
µV10µV
10V
1V
100mV
10mV
1mV
100
µV
4
2
0
1
–1
–3
–2
–4
INPUT SIGNAL – V RMS
Figure 30. VLOG Is Essentially Linear Over the Full 120 dB
Range
ratio relative to 0 dBV, this being almost the maximum output
capability of the AD600. Results for the simultaneous mode can
be seen in Figure 33. The S/ N ratio degreades uniformly as the
gain is increased. Note that since the inverting gain control was
used, the gain in this curve and in Figure 34 decreases for more
positive values of the gain-control voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com