Electronic Components Datasheet Search
  English  ▼

X  

AD602AR Datasheet(PDF) 18 Page - Analog Devices

Part # AD602AR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602AR Datasheet(HTML) 18 Page - Analog Devices

Back Button AD602AR Datasheet HTML 12Page - Analog Devices AD602AR Datasheet HTML 13Page - Analog Devices AD602AR Datasheet HTML 14Page - Analog Devices AD602AR Datasheet HTML 15Page - Analog Devices AD602AR Datasheet HTML 16Page - Analog Devices AD602AR Datasheet HTML 17Page - Analog Devices AD602AR Datasheet HTML 18Page - Analog Devices AD602AR Datasheet HTML 19Page - Analog Devices AD602AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD600/AD602–Typical Performance Characteristics
0.45
–0.45
0.7
–0.25
–0.35
–0.5
–0.7
–0.05
–0.15
0.05
0.15
0.25
0.35
0.5
0.3
0.1
–0.1
–0.3
GAIN CONTROL VOLTAGE – Volts
Figure 35. Gain Error vs. Gain
Control Voltage
10.0
9.0
8.0
–0.7
–0.5
0.7
0.5
0.3
0.1
–0.1
–0.3
9.8
9.6
9.4
9.2
8.2
8.8
8.6
8.4
GAIN CONTROL VOLTAGE – Volts
Figure 38. AD600 and AD602
Typical Group Delay vs. VC
100k
1M
100M
10M
FREQUENCY – Hz
102
92
95
93
94
98
96
97
99
100
101
GAIN=40dB
GAIN=0dB
GAIN=20dB
Figure 41. Input Impedance vs.
Frequency
100k
1M
100M
10M
0
°
20dB
17dB
–45
°
–90
°
FREQUENCY – Hz
Figure 36. AD600 Frequency and
Phase Response vs. Gain
V =0V
10dB/DIV
CENTER
FREQ 1MHz
10kHz/DIV
G
Figure 39. Third Order Intermodula-
tion Distortion, VOUT = 2 V p-p,
RL = 500
Ω
6
–4
0.7
–1
–3
–0.5
–2
–0.7
2
0
1
3
4
5
0.5
0.1
0.3
–0.3
–0.1
GAIN CONTROL VOLTAGE – Volts
AD600
AD602
Figure 42. Output Offset vs. Gain
Control Voltage (Control Channel
Feedthrough)
100k
1M
100M
10M
0
°
10dB
7dB
–45
°
–90
°
FREQUENCY – Hz
Figure 37. AD602 Frequency and
Phase Response vs. Gain
–1.0
–3.4
–2.8
–3.2
50
–3.0
0
–2.2
–2.6
–2.4
–2.0
–1.8
–1.6
–1.2
–1.4
2000
1000
500
200
100
LOAD RESISTANCE –
Ω
Figure 40. Typical Output Voltage
vs. Load Resistance (Negative Out-
put Swing Limits First)
10
90
100
0%
1V VOUT
1V VC
1
µS
OUTPUT
INPUT
Figure 43. Gain Control Channel
Response Time. Top: Output Volt-
age, 2 V max, Bottom: Gain Con-
trol Voltage VC = ±625 mV
REV. A
–18–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com