Electronic Components Datasheet Search
  English  ▼

X  

AD602AR Datasheet(PDF) 14 Page - Analog Devices

Part # AD602AR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602AR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD602AR Datasheet HTML 10Page - Analog Devices AD602AR Datasheet HTML 11Page - Analog Devices AD602AR Datasheet HTML 12Page - Analog Devices AD602AR Datasheet HTML 13Page - Analog Devices AD602AR Datasheet HTML 14Page - Analog Devices AD602AR Datasheet HTML 15Page - Analog Devices AD602AR Datasheet HTML 16Page - Analog Devices AD602AR Datasheet HTML 17Page - Analog Devices AD602AR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD600/AD602
REV. A
–14–
100 dB to 120 dB RMS Responding Constant Bandwidth AGC
Systems with High Accuracy dB Outputs
The next two applications double as both AGC amplifiers and
measurement systems. In both, precise gain offsets are used to
achieve either (1) a very high gain linearity of
±0.1 dB over the
full 100 dB range, or (2) the optimal signal-to-noise ratio at any
gain.
A 100 dB RMS/AGC System with Minimal Gain Error
(Parallel Gain with Offset)
Figure 25 shows an rms-responding AGC circuit, which can
equally well be used as an accurate measurement system. It
accepts inputs of 10
µV to 1 V rms (–100 dBV to 0 dBV) with
generous overrange. Figure 26 shows the logarithmic output,
VLOG, which is accurately scaled 1 V per decade, that is,
50 mV/dB, with an intercept (VLOG = 0) at 3.16 mV rms
(–50 dBV). Gain offsets of
±2 dB have been introduced between
the amplifiers, provided by the
±62.5 mV introduced by R6–R9.
These offsets cancel a small gain ripple which arises in the
X-AMP from its finite interpolation error, which has a period of
18 dB in the individual VCA sections. The gain ripple of all
three amplifier sections without this offset (in which case the
gain errors simply add) is shown in Figure 27; it is still a
remarkably low
±0.25 dB over the 108 dB range from 6 µV to
1.5 V rms. However, with the gain offsets connected, the gain
linearity remains under
±0.1 dB over the specified 100 dB range
(Figure 28).
5
3
–5
1
µV10µV
10V
1V
100mV
10mV
1mV
100
µV
4
2
0
1
–1
–3
–2
–4
INPUT SIGNAL – V RMS
Figure 26. VLOG Plotted vs. VIN for Figure 25‘s Circuit
Showing 120 dB AGC Range
INPUT
1V RMS
MAX
(SINE WAVE)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
U1 AD600
+5V DEC
–5V DEC
U3A
1/4
AD713
R2
487
Ω
VOUT
C5
22
µF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC
NC
–5V DEC
U3C
R11
46.4k
Ω
+5V DEC
NC
NC
NC
1/4
AD713
+316.2mV
VINP
VNEG
CAVG
VLOG
BFOP
BFIN
VPOS
COMM
LDLO
V
U4
AD636
NC = NO CONNECT
C1
0.1
µF
R3
200
Ω
U3B
1/4
AD713
R1
133k
Ω
C2
0.1
µF
R5
1.58k
Ω
R4
133k
Ω
C3
220pF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
U2 AD600
+5V DEC
–5V DEC
C4
2
µF
R6
10k
Ω
+5V
–5V
R7
127
Ω
R8
127
Ω
R9
10k
Ω
–2dB
–62.5mV
0dB
+2dB
+62.5mV
0.1
µF
0.1
µF
FB
–5V
+5V
POWER SUPPLY
DECOUPLING NETWORK
+5V DEC
–5V DEC
FB
R10
3.16k
Ω
C6
4.7
µF
VLOG
Q1
2N3906
R14
301k
Ω
R12
11.3k
Ω
R13
3.01k
Ω
R15
19.6k
Ω
R16
6.65k
Ω
+5V DEC
RMS
Figure 25. RMS Responding AGC Circuit with 100 dB Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com