Electronic Components Datasheet Search
  English  ▼

X  

AD627 Datasheet(PDF) 5 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 5 Page - Analog Devices

  AD627 Datasheet HTML 1Page - Analog Devices AD627 Datasheet HTML 2Page - Analog Devices AD627 Datasheet HTML 3Page - Analog Devices AD627 Datasheet HTML 4Page - Analog Devices AD627 Datasheet HTML 5Page - Analog Devices AD627 Datasheet HTML 6Page - Analog Devices AD627 Datasheet HTML 7Page - Analog Devices AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD627
–5–
REV. A
Typical Performance Characteristics (@ +25 C V
S =
5 V, RL = 20 k
unless otherwise noted)
FREQUENCY – Hz
100
1
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
GAIN = 5
GAIN = 100
GAIN = 1000
Figure 2. Voltage Noise Spectral Density vs. Frequency
FREQUENCY – Hz
100
1
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Figure 3. Current Noise Spectral Density vs. Frequency
COMMON-MODE INPUT – Volts
–3.200
–2.000
–15
15
–10
–5
0
510
–3.000
–2.800
–2.600
–2.400
–2.200
Figure 4. IBIAS vs. CMV, VS = ±15 V
TEMPERATURE – C
–5.5
–3.5
–1.5
–60
140
–40
–20
0
20
40
60
80
100
120
–5.0
–4.5
–2.5
–2.0
–4.0
–3.0
VS = +5V
VS = 5V
VS = 15V
Figure 5. Input Bias Current vs. Temperature
TOTAL POWER SUPPLY VOLTAGE – Volts
65.5
59.5
0
40
5
10
15
20
25
30
35
64.5
63.5
62.5
61.5
60.5
Figure 6. Supply Current vs. Supply Voltage
OUTPUT CURRENT – mA
V+
0
(V+) –1
(V+) –2
(V+) –3
(V–) +2
(V–) +1
V–
510
15
20
25
VS = 1.5V
SOURCING
VS = 2.5V
VS = 5V
VS = 15V
SINKING
VS = 1.5V
VS = 2.5V
VS = 5V
VS = 15V
Figure 7. Output Voltage Swing vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com